Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72402L45D Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72402L45D
Description  CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72402L45D Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72402L45D Datasheet HTML 1Page - Integrated Device Technology IDT72402L45D Datasheet HTML 2Page - Integrated Device Technology IDT72402L45D Datasheet HTML 3Page - Integrated Device Technology IDT72402L45D Datasheet HTML 4Page - Integrated Device Technology IDT72402L45D Datasheet HTML 5Page - Integrated Device Technology IDT72402L45D Datasheet HTML 6Page - Integrated Device Technology IDT72402L45D Datasheet HTML 7Page - Integrated Device Technology IDT72402L45D Datasheet HTML 8Page - Integrated Device Technology IDT72402L45D Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
5.01
2
IDT72401, IDT72402, IDT72403, IDT72404
CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5.0V
± 10%, TA = 0°C to +70°C; Military: VCC = 5.0V ± 10%, TA = –55°C to +125°C)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
IIL
Low-Level Input Current
VCC = Max., GND
≤ VI ≤ VCC
–10
µA
IIH
High-Level Input Current
VCC = Max., GND
≤ VI ≤ VCC
—10
µA
VOL
Low-Level Output Voltage
VCC = Min., IOL = 8mA
0.4
V
VOH
High-Level Output Voltage
VCC = Min., IOH = -4mA
2.4
V
IOS
(1)
Output Short-Circuit Current
VCC = Max., VO = GND
–20
–110
mA
IHZ
Off-State Output Current
VCC = Max., VO = 2.4V
20
µA
ILZ
(IDT72403 and IDT72404)
VCC = Max., VO = 0.4V
–20
µA
ICC
(2,3)
Supply Current
VCC = Max., f = 10MHz
Com'l.
35
mA
Military
45
mA
NOTES:
2747 tbl 04
1. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second. Guaranteed but not tested.
2. ICC measurements are made with outputs open. OE is HIGH for IDT72403/72404.
3
For frequencies greater than 10MHZ, ICC = 35mA + (1.5mA x [f - 10MHz]) commercial, and ICC = 45mA + (1.5mA x [f - 10MHz]) military.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TA
Operating Temp.
0 to +70
–55 to +125
°C
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage Temp.
–55 to +125
–65 to +150
°C
IOUT
DC Output
50
50
mA
Current
NOTE:
2747 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Mil. Supply Voltage
4.5
5.0
5.5
V
VCC
Com'l. Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
VIL
(1)
Input High Voltage
0.8
V
NOTE:
2747 tbl 02
1. 1.5V undershoots are allowed for 10ns once per cycle.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
7
pF
NOTE:
2747 tbl 03
1. This parameter is sampled and not 100% tested.
NOTES:
1. Pin 1: NC - No Connection IDT72401, OE - IDT72403
2. Pin 1: NC - No Connection IDT72402,OE - IDT72404
5
6
7
8
9
1
2
3
4
18
17
16
15
14
13
12
11
10
P18-1,
D18-1
&
S018-1
NC/OE
IR
Vcc
SI
D0
D1
D2
GND
D
SO
OR
Q0
Q1
Q2
Q
MR
3
3
(2)
D4
Q4
2747 drw 03
DIP/SOIC
TOP VIEW
CERPACK
TOP VIEW
5
6
7
8
NC/OE
IR
1
2
3
4
16
15
14
13
12
11
10
9
Vcc
P16-1,
D16-1
&
S016-1
SI
D0
D1
D2
GND
D
SO
OR
Q0
Q1
Q2
Q
MR
3
3
(1)
2747 drw 02
IDT72401/IDT72403
IDT72402/IDT72404
(IDT72404 Only)
DIP/SOIC
TOP VIEW
5
6
7
8
9
10
NC
IR
SI
1
2
3
4
20
19
18
17
16
15
14
13
Vcc
12
11
OE
SO
D 0
D 1
D 2
D 3
NC
OR
Q 0
Q 1
Q 2
Q 3
D 4
GND
Q 4
MR
2747 drw 04


Similar Part No. - IDT72402L45D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Renesas Technology Corp
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
   CMOS PARALLEL FIFO
JUNE 2012
logo
Integrated Device Techn...
IDT72401L10D IDT-IDT72401L10D Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401L10DB IDT-IDT72401L10DB Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401L10P IDT-IDT72401L10P Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
More results

Similar Description - IDT72402L45D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com