Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72815LB10BG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72815LB10BG
Description  CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72815LB10BG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72815LB10BG Datasheet HTML 5Page - Integrated Device Technology IDT72815LB10BG Datasheet HTML 6Page - Integrated Device Technology IDT72815LB10BG Datasheet HTML 7Page - Integrated Device Technology IDT72815LB10BG Datasheet HTML 8Page - Integrated Device Technology IDT72815LB10BG Datasheet HTML 9Page - Integrated Device Technology IDT72815LB10BG Datasheet HTML 10Page - Integrated Device Technology IDT72815LB10BG Datasheet HTML 11Page - Integrated Device Technology IDT72815LB10BG Datasheet HTML 12Page - Integrated Device Technology IDT72815LB10BG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72805LB/72815LB/72825LB/72835LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
NOTES:
1. In a daisy-chain depth expansion,
FL is held LOW for the "first load device". The RXI and WXI inputs are driven by the corresponding RXO and WXO outputs of the preceding device.
2. In a daisy-chain depth expansion,
FL is held HIGH for members of the expansion other than the "first load device". The RXI and WXI inputs are driven by the corresponding RXO and
WXO outputs of the preceding device.
TABLE 3 — TRUTH TABLE FOR CONFIGURATION AT RESET
FL
RXI
WXI
EF/OR
FF/IR
PAE, PAF
FIFO TIMING MODE
0
0
0
Single register-buffered
Single register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
0
0
1
Triple register-buffered
Double register-buffered
Asynchronous
FWFT
Output Ready Flag
Input Ready Flag
0
1
0
Double register-buffered
Double register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
0(1)
1
1
Single register-buffered
Single register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
1
0
0
Single register-buffered
Single register-buffered
Synchronous
Standard
Empty Flag
Full Flag
1
0
1
Triple register-buffered
Double register-buffered
Synchronous
FWFT
Output Ready Flag
Input Ready Flag
1
1
0
Double register-buffered
Double register-buffered
Synchronous
Standard
Empty Flag
Full Flag
1(2)
1
1
Single register-buffered
Single register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
TABLE 4 — REGISTER-BUFFERED FLAG OUTPUT OPTIONS — IDT STANDARD MODE
Empty Flag (
EF)
Full Flag (
FF)
Partial Flags
Programming at Reset
Flag Timing
Buffered Output
Buffered Output
Timing Mode
FL
RXI
WXI
Diagrams
Single
Single
Asynch
0
0
0
Figure 9, 10
Single
Single
Sync
1
0
0
Figure 9, 10
Double
Double
Asynch
0
1
0
Figure 24, 26
Double
Double
Synch
1
1
0
Figure 24, 26
TABLE 5 — REGISTER-BUFFERED FLAG OUTPUT OPTIONS — FWFT MODE
Output Ready (
OR)
Input Ready (
IR)
Partial Flags
Programming at Reset
Flag Timing
FL
RXI
WXI
Diagrams
Triple
Double
Asynch
0
0
1
Figure 27
Triple
Double
Sync
1
0
1
Figure 20, 21


Similar Part No. - IDT72815LB10BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72815LB IDT-IDT72815LB Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72815LB RENESAS-IDT72815LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
More results

Similar Description - IDT72815LB10BG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com