Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V03L35J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V03L35J
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V03L35J Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V03L35J Datasheet HTML 1Page - Integrated Device Technology IDT72V03L35J Datasheet HTML 2Page - Integrated Device Technology IDT72V03L35J Datasheet HTML 3Page - Integrated Device Technology IDT72V03L35J Datasheet HTML 4Page - Integrated Device Technology IDT72V03L35J Datasheet HTML 5Page - Integrated Device Technology IDT72V03L35J Datasheet HTML 6Page - Integrated Device Technology IDT72V03L35J Datasheet HTML 7Page - Integrated Device Technology IDT72V03L35J Datasheet HTML 8Page - Integrated Device Technology IDT72V03L35J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
5.08
2
IDT72V01/72V02/72V03/72V04 3.3 VOLT CMOS ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9
COMMERCIAL TEMPERATURE RANGE
PIN CONFIGURATIONS
PLCC
TOP VIEW
SMALL OUTLINE PACKAGE TO BE DETERMINED
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Rating
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
GND
Supply Voltage
0
0
0
V
VIH
(1)
Input High Voltage
2.0
VCC+0.5
V
VIL
(2)
Input Low Voltage
0.8
V
NOTE:
2679 tbl 03
1. VIH = 2.6V for
XI input (commercial).
2. 1.5V undershoots are allowed for 10ns once per cycle.
D2
5
D1
6
D0
7
XI
8
FF
9
Q0
10
Q1
11
NC
12
Q2
13
D6
D7
NC
FL/RT
RS
EF
XO/HF
Q7
Q6
29
28
27
26
25
24
23
22
21
4
3
2
1
32 31 30
14 15 16 17 18 19 20
INDEX
J32-1
2679 drw 02b
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Com’l.
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
°C
Temperature
TBIAS
Temperature
–55 to +125
°C
Under Bias
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output
50
mA
Current
NOTE:
2679 tbl 01
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliabilty.
CAPACITANCE (TA = +25
°C, f = 1.0 MHz)
Symbol
Parameter
(1)
Condition
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
NOTE:
2679 tbl 02
1. This parameter is sampled and not 100% tested.
W
D8
VCC
D4
1
2
28
27
D3
D5
326
D2
D6
425
D1
D7
524
D0
FL/RT
623
XI
RS
722
FF
EF
821
Q0
XO/HF
920
Q1
Q7
10
19
Q2
Q6
11
18
Q3
Q5
12
17
Q8
Q4
13
16
GND
R
14
15
2679 drw 02a


Similar Part No. - IDT72V03L35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V03L35J IDT-IDT72V03L35J Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V03L35JI IDT-IDT72V03L35JI Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT72V03L35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com