Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74AUCR16245BVI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74AUCR16245BVI
Description  1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74AUCR16245BVI Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74AUCR16245BVI Datasheet HTML 1Page - Integrated Device Technology IDT74AUCR16245BVI Datasheet HTML 2Page - Integrated Device Technology IDT74AUCR16245BVI Datasheet HTML 3Page - Integrated Device Technology IDT74AUCR16245BVI Datasheet HTML 4Page - Integrated Device Technology IDT74AUCR16245BVI Datasheet HTML 5Page - Integrated Device Technology IDT74AUCR16245BVI Datasheet HTML 6Page - Integrated Device Technology IDT74AUCR16245BVI Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74AUCR16245
1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Open
VLOAD
GND
VDD
Pulse
Generator
D.U.T.
RL
CL
RT
VIN
VOUT
(1)
SAME PHASE
INPUT TRANSITION
OPPOSITE PHASE
INPUT TRANSITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VDD
VT
VT
VDD
VT
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SWITCH
CLOSED
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SWITCH
OPEN
tPHZ
0V
VOL + VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VDD
VT
VOL
VOH - VHZ
RL
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTE:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; slew rate ≥ 1V/ns.
Test
Switch
Open Drain
Disable Low
VLOAD
Enable Low
Disable High
GND
Enable High
All Other Tests
Open
SWITCH POSITION
TEST CONDITIONS(1)
Symbol
VDD = 0.8V
VDD = 1.2V±0.1V
VDD = 1.5V±0.1V
VDD = 1.8V±0.15V
VDD = 2.5V±0.2V
Unit
VLOAD
2xVDD
2xVDD
2xVDD
2xVDD
2xVDD
V
VT
VDD/2
VDD/2
VDD/2
VDD/2
VDD/2
V
VLZ
100
100
100
150
150
mV
VHZ
100
100
100
150
150
mV
RL
5
2
2
1
0.5
K
CL
15
15
15
30
30
pF


Similar Part No. - IDT74AUCR16245BVI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74AUC16245 IDT-IDT74AUC16245 Datasheet
93Kb / 7P
   1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74AUC16245BVI IDT-IDT74AUC16245BVI Datasheet
93Kb / 7P
   1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74AUC16245PAI IDT-IDT74AUC16245PAI Datasheet
93Kb / 7P
   1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74AUC16245PFI IDT-IDT74AUC16245PFI Datasheet
93Kb / 7P
   1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74AUC16373 IDT-IDT74AUC16373 Datasheet
90Kb / 7P
   1.8V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - IDT74AUCR16245BVI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74AUC16245 IDT-IDT74AUC16245 Datasheet
93Kb / 7P
   1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVC162245 RENESAS-IDT74ALVC162245 Datasheet
286Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
logo
Integrated Device Techn...
IDT74ALVC162245 IDT-IDT74ALVC162245 Datasheet
93Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74ALVC16245 IDT-IDT74ALVC16245 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com