Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8538 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM8538
Description  Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8538 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM8538 Datasheet HTML 1Page - SG Micro Corp SGM8538 Datasheet HTML 2Page - SG Micro Corp SGM8538 Datasheet HTML 3Page - SG Micro Corp SGM8538 Datasheet HTML 4Page - SG Micro Corp SGM8538 Datasheet HTML 5Page - SG Micro Corp SGM8538 Datasheet HTML 6Page - SG Micro Corp SGM8538 Datasheet HTML 7Page - SG Micro Corp SGM8538 Datasheet HTML 8Page - SG Micro Corp SGM8538 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.5MHz, Rail-to-Rail Output
Operational Amplifiers
2
SGM8535/6/7/8
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8535AYN5G/TR
SOT-23-5
Tape and Reel, 3000
SB2XX
SGM8535BYN5G/TR
SOT-23-5
Tape and Reel, 3000
SB3XX
SGM8535YC5G/TR
SC70-5
Tape and Reel, 3000
SB4XX
SGM8535YS8G/TR
SOIC-8
Tape and Reel, 2500
SGM8535YS8
SGM8535
SGM8535YMS8G/TR
MSOP-8
Tape and Reel, 3000
SGM8535YMS8
SGM8536YMS8G/TR
MSOP-8
Tape and Reel, 3000
SGM8536YMS8
SGM8536
SGM8536YS8G/TR
SOIC-8
Tape and Reel, 2500
SGM8536YS8
SGM8537YN6G/TR
SOT-23-6
Tape and Reel, 3000
SB5XX
SGM8537YS8G/TR
SOIC-8
Tape and Reel, 2500
SGM8537YS8
SGM8537
SGM8537YMS8G/TR
MSOP-8
Tape and Reel, 3000
SGM8537YMS8
SGM8538YS14G/TR
SOIC-14
Tape and Reel, 2500
SGM8538YS14
SGM8538
SGM8538YTS14G/TR
TSSOP-14
Tape and Reel, 3000
SGM8538YTS14
NOTE: Package marking is defined as the follow:
MARKING INFORMATION
For example: SB2BA (2011, January)
SYY X X
Date code - year ("A" = 2010, "B" = 2011 …)
Date code - month ("A" = Jan. "B" = Feb. … "L" = Dec.)
Chip I.D.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, +VS to -VS......................................................6V
Common Mode Input Voltage........................-0.1V to +VS - 1.3V
Storage Temperature Range..............................-65
℃ to +150℃
Junction Temperature .......................................................150
Operating Temperature Range........................... -40
℃ to +85℃
Lead Temperature (Soldering 10sec)
...........................................................................................260
ESD Susceptibility
HBM (SGM8535/6/8).........................................................8000V
HBM (SGM8537)...............................................................3000V
MM .....................................................................................400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM8538

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8538 SGMICRO-SGM8538 Datasheet
379Kb / 16P
   Operational Amplifiers
More results

Similar Description - SGM8538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com