Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8301 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM8301
Description  Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8301 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM8301 Datasheet HTML 4Page - SG Micro Corp SGM8301 Datasheet HTML 5Page - SG Micro Corp SGM8301 Datasheet HTML 6Page - SG Micro Corp SGM8301 Datasheet HTML 7Page - SG Micro Corp SGM8301 Datasheet HTML 8Page - SG Micro Corp SGM8301 Datasheet HTML 9Page - SG Micro Corp SGM8301 Datasheet HTML 10Page - SG Micro Corp SGM8301 Datasheet HTML 11Page - SG Micro Corp SGM8301 Datasheet HTML 12Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
100MHz, High Voltage,
SGM8301/2/4
Rail-to-Rail Output Amplifiers
8
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25°C, +VS = +5V, -VS = -5V, VCM = 0V and RL = 100Ω to GND, unless otherwise noted.
PSRR+ vs. Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
100000
Frequency (kHz)
CMRR vs. Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
100000
Frequency (kHz)
PSRR- vs. Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
100000
Frequency (kHz)


Similar Part No. - SGM8301

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301YMS8G/TR SGMICRO-SGM8301YMS8G/TR Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301YN5G/TR SGMICRO-SGM8301YN5G/TR Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301YS8G/TR SGMICRO-SGM8301YS8G/TR Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
More results

Similar Description - SGM8301

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8301 SGMICRO-SGM8301 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
Analog Devices
SSM2275 AD-SSM2275 Datasheet
192Kb / 16P
   Rail-to-Rail Output Audio Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com