Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8091 Datasheet(PDF) 11 Page - SG Micro Corp

Part # SGM8091
Description  CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8091 Datasheet(HTML) 11 Page - SG Micro Corp

Back Button SGM8091_15 Datasheet HTML 7Page - SG Micro Corp SGM8091_15 Datasheet HTML 8Page - SG Micro Corp SGM8091_15 Datasheet HTML 9Page - SG Micro Corp SGM8091_15 Datasheet HTML 10Page - SG Micro Corp SGM8091_15 Datasheet HTML 11Page - SG Micro Corp SGM8091_15 Datasheet HTML 12Page - SG Micro Corp SGM8091_15 Datasheet HTML 13Page - SG Micro Corp SGM8091_15 Datasheet HTML 14Page - SG Micro Corp SGM8091_15 Datasheet HTML 15Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
350MHz, Rail-to-Rail Output
SGM8091/2/3/4
CMOS Operational Amplifiers
11
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
SOT-23-5
E
E1
e
e1
b
D
A1
A2
A
c
L
θ
0.2
RECOMMENDED LAND PATTERN (Unit: mm)
1.90
2.59
0.99
0.69
0.95
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950 BSC
0.037 BSC
e1
1.900 BSC
0.075 BSC
L
0.300
0.600
0.012
0.024
θ


Similar Part No. - SGM8091_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8091XN5/TR SGMICRO-SGM8091XN5/TR Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8091XS SGMICRO-SGM8091XS Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8091XS/TR SGMICRO-SGM8091XS/TR Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8091_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com