Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8061 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8061
Description  CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8061 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8061_15 Datasheet HTML 1Page - SG Micro Corp SGM8061_15 Datasheet HTML 2Page - SG Micro Corp SGM8061_15 Datasheet HTML 3Page - SG Micro Corp SGM8061_15 Datasheet HTML 4Page - SG Micro Corp SGM8061_15 Datasheet HTML 5Page - SG Micro Corp SGM8061_15 Datasheet HTML 6Page - SG Micro Corp SGM8061_15 Datasheet HTML 7Page - SG Micro Corp SGM8061_15 Datasheet HTML 8Page - SG Micro Corp SGM8061_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
500MHz, Rail-to-Rail Output
SGM8061/2/3
CMOS Operational Amplifiers
3
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATIONS (TOP VIEW)
+VS
-IN
1
2
3
4
5
VOUT
-VS
+IN
SGM8061
SOT-23-5
VOUT 1
2
3
4
5
6
-VS
+IN
+VS
DISABLE
-IN
SOT-23-6
SGM8063
VOUT2
+VS
+IN2
VOUT1 1
2
3
4
5
6
7
8
-IN1
+IN1
-VS
-IN2
SGM8062
SOIC-8
-IN
+IN
-VS
NC
(SGM8063 ONLY)
1
2
3
4
5
6
7
8
+VS
SGM8061/8063
SOIC-8
NC
VOUT
DISABLE
NC = NO CONNECT


Similar Part No. - SGM8061_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8061XN5/TR SGMICRO-SGM8061XN5/TR Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061XS SGMICRO-SGM8061XS Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061XS/TR SGMICRO-SGM8061XS/TR Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8061_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com