Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS0312AS Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS0312AS
Description  N-Channel PowerTrench짰 SyncFETTM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS0312AS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS0312AS Datasheet HTML 1Page - Fairchild Semiconductor FDMS0312AS Datasheet HTML 2Page - Fairchild Semiconductor FDMS0312AS Datasheet HTML 3Page - Fairchild Semiconductor FDMS0312AS Datasheet HTML 4Page - Fairchild Semiconductor FDMS0312AS Datasheet HTML 5Page - Fairchild Semiconductor FDMS0312AS Datasheet HTML 6Page - Fairchild Semiconductor FDMS0312AS Datasheet HTML 7Page - Fairchild Semiconductor FDMS0312AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
©2010 Fairchild Semiconductor Corporation
FDMS0312AS Rev.C1
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 1 mA, VGS = 0 V30
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 10 mA, referenced to 25°C
18
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V500
μA
IGSS
Gate to Source Leakage Current, Forward
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 1 mA
1.2
1.5
3.0
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 10 mA, referenced to 25°C
-4
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 18 A
4.2
5.0
m
Ω
VGS = 4.5 V, ID = 16 A5.4
6.2
VGS = 10 V, ID = 18 A, TJ = 125°C
5.3
6.8
gFS
Forward Transconductance
VDS = 5 V, ID = 18 A92
S
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V,
f = 1MHz
1365
1815
pF
Coss
Output Capacitance
550
730
pF
Crss
Reverse Transfer Capacitance
70
105
pF
Rg
Gate Resistance
0.5
2.5
Ω
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 18 A,
VGS = 10 V, RGEN = 6 Ω
10
19
ns
tr
Rise Time
2.3
10
ns
td(off)
Turn-Off Delay Time
25
40
ns
tf
Fall Time
612
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 15 V,
ID = 18 A
23
31
nC
Qg
Total Gate Charge
VGS = 0 V to 4.5 V11
16
nC
Qgs
Gate to Source Charge
3.3
nC
Qgd
Gate to Drain “Miller” Charge
3.7
nC
VSD
Source-Drain Diode Forward Voltage
VGS = 0 V, IS = 2 A
(Note 2)
0.63
0.8
V
VGS = 0 V, IS = 18 A
(Note 2)
0.8
1.2
trr
Reverse Recovery Time
IF = 18 A, di/dt = 300 A/μs
23
36
ns
Qrr
Reverse Recovery Charge
20
32
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. EAS of 33 mJ is based on starting TJ = 25 °C, L = 0.3 mH, IAS = 15 A, VDD = 27 V, VGS = 10 V.
4. As an N-ch device, the negative Vgs rating is for low duty cycle pulse occurrence only. No continuous rating is implied.
a. 50 °C/W when mounted on a
1 in2 pad of 2 oz copper.
b. 125 °C/W when mounted on a
minimum pad of 2 oz copper.


Similar Part No. - FDMS0312AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS0312S FAIRCHILD-FDMS0312S Datasheet
275Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
More results

Similar Description - FDMS0312AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8026S FAIRCHILD-FDMC8026S Datasheet
386Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
FDMS8558S FAIRCHILD-FDMS8558S Datasheet
310Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
FDMS8025S FAIRCHILD-FDMS8025S Datasheet
286Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
FDMS0312S FAIRCHILD-FDMS0312S Datasheet
275Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM
FDMS7560S FAIRCHILD-FDMS7560S Datasheet
469Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 49 A, 1.45 m廓
FDMS0308CS FAIRCHILD-FDMS0308CS Datasheet
204Kb / 8P
   FDMS0308CS N-Channel PowerTrench짰 SyncFETTM 30 V, 42 A, 3 m
FDMS7658AS FAIRCHILD-FDMS7658AS Datasheet
476Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
FDMS8570S FAIRCHILD-FDMS8570S Datasheet
305Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 60 A, 2.8 m廓
FDMS8027S FAIRCHILD-FDMS8027S Datasheet
292Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 22 A, 5.0 m廓
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com