Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7210L25F Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7210L25F
Description  16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7210L25F Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7210L25F Datasheet HTML 1Page - Integrated Device Technology IDT7210L25F Datasheet HTML 2Page - Integrated Device Technology IDT7210L25F Datasheet HTML 3Page - Integrated Device Technology IDT7210L25F Datasheet HTML 4Page - Integrated Device Technology IDT7210L25F Datasheet HTML 5Page - Integrated Device Technology IDT7210L25F Datasheet HTML 6Page - Integrated Device Technology IDT7210L25F Datasheet HTML 7Page - Integrated Device Technology IDT7210L25F Datasheet HTML 8Page - Integrated Device Technology IDT7210L25F Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
11.2
3
IDT7210L
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
MILITARY AND COMMERCIAL TEMPERATURE RANGES
NC
X15
RND
CLKY
TC
PREL CLKP
P33
X14
CLKX VCC
TSX
P34
NC
X13
X11
X12
P30
X9
X10
X7
X8
X5
X6
X3
X4
NC
NC
11
10
09
08
07
06
05
04
03
02
01
ABC
D
E
F
G
H
J
KL
Pin 1
Designator
G68-2
2577 drw 05
P31
P28
P29
P26
P27
P24
P25
P22
P23
P20
P21
P18
P19
P16
P17
Y2,
P2
Y4,
P4
Y6,
P6
Y8,
P8
Y10,
P10
Y12,
P12
Y14,
P14
Y1,
P1
Y3,
P3
Y5,
P5
Y7,
P7
Y9,
P9
Y11,
P11
Y13,
P13
Y15,
P15
X1
X2
ACC
TSL
SUB
TSM
P32
X0
Y0,
P0
GND
PGA
TOP VIEW
PIN DESCRIPTIONS
2577 tbl 01
Pin Name
I/O
Description
X0 - 15
I
Data Inputs
Y0 - 15/ P0 - 15
I/O
Multiplexed I/O port. Y0 - 15 are data inputs and can be used to preload LSP register on PREL = 1. P0 - 15
are LSP register outputs - enabled by TSL.
P16 - 31
I/O
MSP register outputs - enabled by TSM. MSP register can be preloaded when PREL = 1.
P32 - 34
I/O
XTP register outputs - enabled by TSX. XTP register can be preloaded through these inputs when
PREL = 1.
CLKX
I
Input data X0 - 15 loaded in X input register on CLKX rising edge.
CLKY
I
Input data Y0 - 15 loaded in Y input register on CLKY rising edge.
CLKP
I
Output data loaded into output register on rising edge of CLKP.
TSX
I
TSX = 0 enables XTP outputs, TSX = 1 tristates P32 - 34 lines.
TSM
I
TSM = 0 enables MSP outputs, TSM = 1 tristates P16 - 31 lines.
TSL
I
TSL = 0 enables LSP outputs, TSL = 1 tristates P0 - 15 lines.
PREL
I
When PREL= 1 data is input on P0 - 15 lines. When PREL = 0, inputs on these lines are ignored.
ACC
I
This input is loaded into the control register on the rising edge of (CLKX + CLKY).
When ACC = 1 and SUB = 0 an accumulate operation is performed. When ACC = 1 and SUB = 1, a
subtract operation is performed. When ACC = 0, the SUB input is a don't care and the device acts as a
simple multipler with no accumulation
SUB
I
This input is loaded into the control register on the rising edge of (CLKX + CLKY).
This input is active only when ACC = 1. When SUB = 1 the contents of the output register are subtracted
from the result and stored back in the output register. When SUB = 0 the contents of the output register
are added to the result and stored back in the output register
TC
I
This input is loaded into the control register on the rising edge of (CLKX + CLKY).
When TC = 1, the X and Y input are assumed to be in two's complement form. When TC = 0, X and Y
inputs are assumed to be in unsigned magnitude form
RND
I
This input is loaded into the control register on the rising edge of (CLKX + CLKY).
RND is inactive when low. RND = 1, adds a "1" to the most significant bit of the LSP, to round MSP and
XTP data


Similar Part No. - IDT7210L25F

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L35J IDT-IDT72103L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L50J IDT-IDT72103L50J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104 IDT-IDT72104 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104L35J IDT-IDT72104L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
More results

Similar Description - IDT7210L25F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com