Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8052 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM8052
Description  CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8052 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM8052 Datasheet HTML 6Page - SG Micro Corp SGM8052 Datasheet HTML 7Page - SG Micro Corp SGM8052 Datasheet HTML 8Page - SG Micro Corp SGM8052 Datasheet HTML 9Page - SG Micro Corp SGM8052 Datasheet HTML 10Page - SG Micro Corp SGM8052 Datasheet HTML 11Page - SG Micro Corp SGM8052 Datasheet HTML 12Page - SG Micro Corp SGM8052 Datasheet HTML 13Page - SG Micro Corp SGM8052 Datasheet HTML 14Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
250MHz, Rail-to-Rail Output
CMOS Operational Amplifiers
10
SG Micro Corp
www.sg-micro.com
SGM8051/2/3/4/5
APPLICATION NOTES
Driving Capacitive Loads
The SGM805x family is optimized for bandwidth and speed, not
for driving capacitive loads. Output capacitance will create a
pole in the amplifier’s feedback path, leading to excessive
peaking and potential oscillation. If dealing with load
capacitance is a requirement of the application, the two
strategies to consider are (1) using a small resistor in series
with the amplifier’s output and the load capacitance and (2)
reducing the bandwidth of the amplifier’s feedback loop by
increasing the overall noise gain.
Figure 1 shows a unity gain follower using the series resistor
strategy. The resistor isolates the output from the capacitance
and, more importantly, creates a zero in the feedback path that
compensates for the pole created by the output capacitance.
VIN
VOUT
SGM8051
CLOAD
RISO
Figure 1. Series Resistor Isolating Capacitive Load
Power-Supply Bypassing and Layout
The SGM805x family operates from either a single +2.7V to
+5.5V supply or dual ±1.35V to ±2.75V supplies. For
single-supply operation, bypass the power supply +VS with a
0.1µF ceramic capacitor which should be placed close to the
+VS pin. For dual-supply operation, both the +VS and the -VS
supplies should be bypassed to ground with separate 0.1µF
ceramic capacitors. 2.2µF tantalum capacitor can be added for
better performance.
Good PC board layout techniques optimize performance by
decreasing the amount of stray capacitance at the op amp’s
inputs and output. To decrease stray capacitance, minimize
trace lengths and widths by placing external components as
close to the device as possible. Use surface-mount components
whenever possible.
For the high speed operational amplifier, soldering the part to
the board directly is strongly recommended. Try to keep the
high frequency big current loop area small to minimize the EMI
(electromagnetic interfacing).
SGM8051
+VS
Vn
Vp
-VS
VOUT
10μF
0.1μF
10μF
0.1μF
SGM8051
Vn
Vp
+VS
-VS (GND)
VOUT
10μF
0.1μF
Figure 2. Amplifier with Bypass Capacitors
Grounding
A ground plane layer is important for high speed circuit design.
The length of the current path speed currents in an inductive
ground return will create an unwanted voltage noise. Broad
ground plane areas will reduce the parasitic inductance.
Input-to-Output Coupling
To minimize capacitive coupling, the input and output signal
traces should not be parallel. This helps reduce unwanted
positive feedback.


Similar Part No. - SGM8052

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8052 SGMICRO-SGM8052 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8052 SGMICRO-SGM8052 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8052 SGMICRO-SGM8052 Datasheet
491Kb / 20P
   250MHz, Rail-to-Rail Output
SGM8052 SGMICRO-SGM8052 Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
SGM8052XMS SGMICRO-SGM8052XMS Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8052

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com