Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8052 Datasheet(PDF) 14 Page - SG Micro Corp

Part # SGM8052
Description  250MHz, Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8052 Datasheet(HTML) 14 Page - SG Micro Corp

Back Button SGM8052_15 Datasheet HTML 10Page - SG Micro Corp SGM8052_15 Datasheet HTML 11Page - SG Micro Corp SGM8052_15 Datasheet HTML 12Page - SG Micro Corp SGM8052_15 Datasheet HTML 13Page - SG Micro Corp SGM8052_15 Datasheet HTML 14Page - SG Micro Corp SGM8052_15 Datasheet HTML 15Page - SG Micro Corp SGM8052_15 Datasheet HTML 16Page - SG Micro Corp SGM8052_15 Datasheet HTML 17Page - SG Micro Corp SGM8052_15 Datasheet HTML 18Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
250MHz, Rail-to-Rail Output
CMOS Operational Amplifiers
14
SG Micro Corp
www.sg-micro.com
SGM8051/2/3/4/5
PACKAGE OUTLINE DIMENSIONS
SOIC-8
D
E
E1
e
b
A
A2
A1
c
L
θ
1.27
0.6
2.2
5.2
RECOMMENDED LAND PATTERN (Unit: mm)
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.27 BSC
0.050 BSC
L
0.400
1.270
0.016
0.050
θ


Similar Part No. - SGM8052_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8052XMS SGMICRO-SGM8052XMS Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8052XMS/TR SGMICRO-SGM8052XMS/TR Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8052XMS/TR SGMICRO-SGM8052XMS/TR Datasheet
896Kb / 20P
   CMOS Operational Amplifiers
SGM8052XS SGMICRO-SGM8052XS Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8052XS/TR SGMICRO-SGM8052XS/TR Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
More results

Similar Description - SGM8052_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI-OPA354 Datasheet
511Kb / 23P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
   Rail-to-rail output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com