Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8044 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM8044
Description  Quad Rail-to-Rail I/O Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8044 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM8044 Datasheet HTML 1Page - SG Micro Corp SGM8044 Datasheet HTML 2Page - SG Micro Corp SGM8044 Datasheet HTML 3Page - SG Micro Corp SGM8044 Datasheet HTML 4Page - SG Micro Corp SGM8044 Datasheet HTML 5Page - SG Micro Corp SGM8044 Datasheet HTML 6Page - SG Micro Corp SGM8044 Datasheet HTML 7Page - SG Micro Corp SGM8044 Datasheet HTML 8Page - SG Micro Corp SGM8044 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
670nA, Quad Rail-to-Rail I/O
Operational Amplifier
4
SGM8044
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
+VS = +1.4V to +5.0V, -VS = GND, TA = +25°C, VCM = +VS/2, VOUT ≈ +VS/2 and RL = 1MΩ to +VS/2, CL = 60pF
(1), unless otherwise
noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS
+VS = 1.4V
13.5
+VS = 2.5V
14.5
Gain-Bandwidth Product (GBP)
+VS = 5.0V
15
kHz
+VS = 1.4V, VOUT = 1V Step
3.0
+VS = 2.5V, VOUT = 1V Step
3.1
Slew Rate (SR)
+VS = 5.0V, VOUT = 2V Step
3.4
V/ms
Phase Margin (PM)
+VS = 1.4V to 5.5V
60
°
+VS = 1.4V, f = 0.1Hz to 10Hz
3.5
+VS = 2.5V, f = 0.1Hz to 10Hz
3.4
Input Voltage Noise (en p-p)
+VS = 5.0V, f = 0.1Hz to 10Hz
3.2
µVP-P
+VS = 1.4V, f = 1kHz
205
+VS = 2.5V, f = 1kHz
185
Input Voltage Noise Density (en)
+VS = 5.0V, f = 1kHz
190
nV/ HZ
NOTE1: Refer to Figure 1 and Figure 2.
TEST CIRCUITS
The test circuits used for the DC and AC tests are shown in Figure 1 and Figure 2. The bypass capacitors are laid out according to the
rules discussed in “Supply Bypass”.
SGM8044
+
RF
VOUT
+VS
RL
CL
1μF
0.1μF
RG
RN
+VS/2
VIN
+VS/2
1
4
Figure 1. AC and DC Test Circuit for Most Non-Inverting
Gain Conditions.
SGM8044
+
RF
VOUT
+VS
RL
CL
1µF
0.1µF
RG
RN
+VS/2
VIN
+VS/2
1
4
Figure 2. AC and DC Test Circuit for Most Inverting Gain
Conditions.


Similar Part No. - SGM8044

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
1Mb / 11P
   Operational Amplifier
SGM8044YS14G/TR SGMICRO-SGM8044YS14G/TR Datasheet
1Mb / 11P
   Operational Amplifier
SGM8044YTQ16G/TR SGMICRO-SGM8044YTQ16G/TR Datasheet
1Mb / 11P
   Operational Amplifier
SGM8044YTS14G/TR SGMICRO-SGM8044YTS14G/TR Datasheet
1Mb / 11P
   Operational Amplifier
SGM8044 SGMICRO-SGM8044_15 Datasheet
1Mb / 11P
   Operational Amplifier
More results

Similar Description - SGM8044

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
New Japan Radio
NJU7048 NJRC-NJU7048 Datasheet
408Kb / 11P
   High-Speed, Rail-to-Rail I/O, Quad CMOS Operational Amplifier
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
   Dual Rail-to-Rail I/O Precision Operational Amplifier
logo
Texas Instruments
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com