Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP02N10 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part No. MSP02N10
Description  N-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSP02N10 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MSP02N10 Datasheet HTML 1Page - Bruckewell Technology LTD MSP02N10 Datasheet HTML 2Page - Bruckewell Technology LTD MSP02N10 Datasheet HTML 3Page - Bruckewell Technology LTD MSP02N10 Datasheet HTML 4Page - Bruckewell Technology LTD MSP02N10 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSP02N10
N-Channel 100-V (D-S) MOSFET
Publication Order Number: [MSP02N10]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
• RoHS compliant package
Applications:
• PoE Power Sourcing Equipment
• PoE Powered Devices
• Telecom DC/DC converters
• White LED boost converters
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA=25°C Unless Otherwise Noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current -Continuous
a (T
A =25°C)
2.2
A
Drain Current -Continuous
a (T
A =70°C)
1.8
A
IDM
Pulsed Drain Current
b
10
A
PD
Total Power Dissipation
a (T
A=25°C)
Total Power Dissipation
a (T
A=70°C)
2
W
1.3
W
Is
Continuous Source Current (Diode Conduction)
a
2.5
A
TJ,TSTG
Operating and Storage Temperature Range
-55 to +150
°C


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn