Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD1600N10ALZD Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDD1600N10ALZD
Description  BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD1600N10ALZD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDD1600N10ALZD Datasheet HTML 1Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 2Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 3Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 4Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 5Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 6Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 7Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 8Page - Fairchild Semiconductor FDD1600N10ALZD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
FDD1600N10ALZD Rev. C2
www.fairchildsemi.com
4
Typical Performance Characteristics - MOSFET
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.3
1
5
0.3
1
10
14
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
VGS = 15.0V
10.0V
8.0V
6.0V
5.0V
4.5V
4.0V
3.5V
1234
56
0.1
1
10
14
-55
oC
150
oC
*Notes:
1. VDS = 10V
2. 250μs Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
0
5
10
15
20
0
100
200
300
400
*Note: TC = 25
oC
VGS = 10V
VGS = 5V
ID, Drain Current [A]
0.3
0.6
0.9
1.2
1.5
1
10
14
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0.1
1
10
100
1
10
100
300
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
*Note: ID = 3.4A
VDS = 20V
VDS = 50V
VDS = 80V
Qg, Total Gate Charge [nC]


Similar Part No. - FDD1600N10ALZD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD1600N10ALZ FAIRCHILD-FDD1600N10ALZ Datasheet
1Mb / 10P
   Consumer Appliances
logo
Guangdong Youtai Semico...
FDD1600N10ALZ UMW-FDD1600N10ALZ Datasheet
624Kb / 6P
   100 V N-ChannelMOSFET
More results

Similar Description - FDD1600N10ALZD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD850N10LD FAIRCHILD-FDD850N10LD Datasheet
813Kb / 11P
   BoostPak (N-Channel PowerTrench짰 MOSFET Diode)
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com