Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7210L25J Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7210L25J
Description  16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7210L25J Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7210L25J Datasheet HTML 1Page - Integrated Device Technology IDT7210L25J Datasheet HTML 2Page - Integrated Device Technology IDT7210L25J Datasheet HTML 3Page - Integrated Device Technology IDT7210L25J Datasheet HTML 4Page - Integrated Device Technology IDT7210L25J Datasheet HTML 5Page - Integrated Device Technology IDT7210L25J Datasheet HTML 6Page - Integrated Device Technology IDT7210L25J Datasheet HTML 7Page - Integrated Device Technology IDT7210L25J Datasheet HTML 8Page - Integrated Device Technology IDT7210L25J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
11.2
5
IDT7210L
16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5.0V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
AC ELECTRICAL CHARACTERISTICS MILITARY (VCC = 5V
± 10%, TA = –55° to +125°C)
NOTES:
2577 tbl 07
1. Transition is measured
±500mV from steady state voltage.
2. Minimum delays guaranteed but not tested
NOTES:
2577 tbl 05
1. Typical implies VCC = 5V and TA = +25
°C.
2. ICC is measured at 10MHz and VIN = 0 to 3V. For frequencies greater than 10MHz, the following equation is used for the commercial range:
ICC = 90+ 6(f –10)mA, where f = operating frequency in MHz. For the military range, ICC = 110 + 8(f –10). f = operating frequency in MHz, f = 1/tMA.
3. For frequencies greater than 10MHz, guaranteed by design, not production tested.
4. IOL = 4mA for tMA > 55ns.
5. For conditions shown as Max. or Min., use appropriate value specified under electrical characteristics.
AC ELECTRICAL CHARACTERISTICS COMMERCIAL (VCC = 5V
± 10%, TA = 0° to +70°C)
NOTES:
2577 tbl 06
1. Transition is measured
±500mV from steady state voltage.
2. Minimum delays guaranteed but not tested
Commercial
Military
Symbol
Parameter
Test Conditions(5)
Min.
Typ.(1)
Max.
Min.
Typ.(1)
Max.
Unit
VIH
Input High Voltage
Guaranteed Logic HIGH Level
2.0
2.0
V
VIL
Input Low Voltage
Guaranteed Logic LOW Level
0.8
0.8
V
|ILI|
Input Leakage Current
VCC = Max., VIN = 0V to VCC
——10
——10
µA
|ILO|
Output Leakage Current
VCC = Max., Outputs Disabled
VOUT = 0 to VCC
——10
——10
µA
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0mA
2.4
2.4
V
VOL(4)
Output LOW Voltage
VCC = Min., IOL = 4mA
0.4
0.4
V
IOS
Output Short Circuit Current
VCC = Max., V0 GND
-20
-100
-20
-100
mA
ICC(2)
Operating Power Supply Current
VCC = Max., Outputs Enabled
f= 10MHz(2)
CL = 50 pF
45
90
45
110
mA
ICCQ1
Quiescent Power Supply Current
VIN
≥ VIH, VIN ≤ VIL
20
30
20
30
mA
ICCQ2
Quiescent Power Supply Current
VIN
≥ VCC –0.2V, V IN ≤ 0.2V
4
10
4
12
mA
ICC/f(2,3) Increase in Power Supply
Current MHz
VCC = Max., Outputs Disabled
6
8
mA/
MHz
7210L25
7210L30
7210L40
7210L55
7210L65
7210L75
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Unit
tMA
Multiply-Accumulate Time(2)
2.0
25
2.0
30
2.0
40
2.0
55
2.0
65
2.0
75
ns
tD
Output Delay(2)
2.0
20
2.0
20
2.0
25
2.0
30
2.0
35
2.0
35
ns
tENA
3-State Enable Time
20
20
25
30
30
35
ns
tDIS
3-State Disable Time(1)
20
20
25
25
30
30
ns
tS
Input Register Set-up Time
12
12
15
20
25
25
ns
tH
Input Register Hold Time
3
3–3–3–3–3
–ns
tPW
Clock Pulse Width
10
10
15
20
25
25
ns
tHCL
Relative Hold Time
0
0–0–0–0–0
–ns
7210L20
7210L25
7210L35
7210L45
7210L55
7210L65
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Unit
tMA
Multiply-Accumulate Time(2)
2.0
20
2.0
25
2.0
35
2.0
45
2.0
55
2.0
65
ns
tD
Output Delay(2)
2.0
18
2.0
20
2.0
25
2.0
25
2.0
30
2.0
35
ns
tENA
3-State Enable Time
18
20
25
25
30
30
ns
tDIS
3-State Disable Time(1)
18
20
25
25
30
30
ns
tS
Input Register Set-up Time
10
12
12
15
20
25
ns
tH
Input Register Hold Time
3
3–3–3–3–3
–ns
tPW
Clock Pulse Width
9
10
10
15
20
25
ns
tHCL
Relative Hold Time
0
0–0–0–0–0
–ns


Similar Part No. - IDT7210L25J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L35J IDT-IDT72103L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L50J IDT-IDT72103L50J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104 IDT-IDT72104 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104L35J IDT-IDT72104L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
More results

Similar Description - IDT7210L25J

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
LOGIC Devices Incorpora...
LMA1010 LODEV-LMA1010 Datasheet
192Kb / 7P
   16 x 16-bit Multiplier-Accumulator
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com