Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72105L50SO Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72105L50SO
Description  CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72105L50SO Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72105L50SO Datasheet HTML 4Page - Integrated Device Technology IDT72105L50SO Datasheet HTML 5Page - Integrated Device Technology IDT72105L50SO Datasheet HTML 6Page - Integrated Device Technology IDT72105L50SO Datasheet HTML 7Page - Integrated Device Technology IDT72105L50SO Datasheet HTML 8Page - Integrated Device Technology IDT72105L50SO Datasheet HTML 9Page - Integrated Device Technology IDT72105L50SO Datasheet HTML 10Page - Integrated Device Technology IDT72105L50SO Datasheet HTML 11Page - Integrated Device Technology IDT72105L50SO Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
5.35
9
COMMERCIAL TEMPERATURE RANGE
IDT72105, IDT72115, IDT72125,
256 x 16, 512 x 16, 1024 x 16 PARALLEL-TO-SERIAL CMOS FIFO
Inputs
Internal Status
Outputs
Mode
RS
RS
FL
FL
DIR
Read Pointer
Write Pointer
AEF
AEF, EF
EF
FF
FF
HF
HF
Reset
0
X
X
Location Zero
Location Zero
0
1
1
Read/Write
1
X
0,1
Increment(1)
Increment(1)
XX
X
NOTE:
2665 tbl 09
1.
Pointer will increment if appropriate flag is HIGH.
Table 1. Reset and First Load Truth Table–Single Device Configuration
3. External logic is needed to generate composite Empty,
Half-Full and Full Flags. This requires the OR-ing of all
EF,
HF and FF Flags.
4. The Almost-Empty and Almost-Full Flag is not available
due to using the RSOX pin for expansion.
Compound Expansion (Daisy Chain) Mode
The IDT72105/15/25 can be expanded in both depth and
width as Figure 13 indicates:
1. The RSOX-to-RSIX expansion signals are wrapped
around sequentially.
2. The write (
W) signal is expanded in width.
3. Flag signals are only taken from the Most Significant
Devices.
4. The Least Significant Device in the array must be
programmed with a LOW on
FL/DIR during reset.
The Serial Data Output (SO) of each device in the serial
word must be tied together. Since the SO pin is three stated,
only the device which is currently shifting out is enabled and
driving the 1-bit bus. NOTE: After reset, the level on the
FL/DIR pin decides if the Least Significant or Most Significant
Bit is read first out of each device.
The three flag outputs, Empty (
EF), Half-Full (HF) and
Full (
FF), should be taken from the Most Significant Device (in
the example, FIFO #2). The Almost-Empty/Almost-Full flag is
not available. The RSOX pin is used for expansion.
2665 drw 14
EF
RSIX
RSOX
HF
FF
SOCP
FIFO #2
SO
W
D 16–31
FL/DIR
FULL FLAG
HALF-FULL FLAG
EMPTY FLAG
HIGH AT RESET
SERIAL OUTPUT CLOCK
EF
RSIX
RSOX
HF
FF
SOCP
FIFO #1
SO
W
D 0–15
FL/DIR
LOW AT RESET
SERIAL DATA
PARALLEL DATA IN
OUT
Figure 11. Width Expansion for 32-bit Parallel Data In
Depth Expansion (Daisy Chain) Mode
The IDT72105/15/25 can easily be adapted to applications
requiring greater than 1024 words. Figure 12 demonstrates
Depth Expansion using three IDT72105/15/25s and an
IDT74FCT138 Address Decoder. Any depth can be attained
by adding additional devices. The Address Decoder is neces-
sary to determine which FIFO is being written. A word of data
must be written sequentially into each FIFO so that the data
will be read in the correct sequence. The IDT72105/15/25
operates in the Depth Expansion Mode when the following
conditions are met:
1. The first device must be programmed by holding
FL LOW
at Reset. All other devices must be programmed by holding
FL HIGH at reset.
2. The Read Serial Out Expansion pin (RSOX) of each device
must be tied to the Read Serial In Expansion pin (RSIX) of
the next device (see Figure 12).


Similar Part No. - IDT72105L50SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210 IDT-IDT7210 Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L35J IDT-IDT72103L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L50J IDT-IDT72103L50J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104 IDT-IDT72104 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
More results

Similar Description - IDT72105L50SO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
logo
Integrated Device Techn...
IDT72V11165 IDT-IDT72V11165 Datasheet
123Kb / 8P
   3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
STMicroelectronics
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com