Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7015S15GB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7015S15GB
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015S15GB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7015S15GB Datasheet HTML 2Page - Integrated Device Technology IDT7015S15GB Datasheet HTML 3Page - Integrated Device Technology IDT7015S15GB Datasheet HTML 4Page - Integrated Device Technology IDT7015S15GB Datasheet HTML 5Page - Integrated Device Technology IDT7015S15GB Datasheet HTML 6Page - Integrated Device Technology IDT7015S15GB Datasheet HTML 7Page - Integrated Device Technology IDT7015S15GB Datasheet HTML 8Page - Integrated Device Technology IDT7015S15GB Datasheet HTML 9Page - Integrated Device Technology IDT7015S15GB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6.12
6
IDT7015S/L
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1)(Cont'd) (VCC = 5.0V
± 10%)
7015X20
7015X25
7015X35
Test
Symbol
Parameter
Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max. Typ.
(2)
Max. Unit
ICC
Dynamic Operating
CE = VIL, Outputs Open
MIL.
S
155
340
150
300
mA
Current
SEM = VIH
L
155
280
150
250
(Both Ports Active)
f = fMAX
(3)
COM’L.
S
160
290
155
265
150
250
L
160
240
155
220
150
210
ISB1
Standby Current
CEL = CER = VIH
MIL.
S
16
80
13
80
mA
(Both Ports — TTL
SEMR = SEML = VIH
L
16
651365
Level Inputs)
f = fMAX
(3)
COM’L.
S
20
60
16
60
13
60
L
20
50
16
501350
ISB2
Standby Current
CE"A"=VIL and CE"B"=VIH(5) MIL.
S
90
215
85
190
mA
(One Port — TTL
Active Port Outputs Open
L
90
180
85
160
Level Inputs)
f = fMAX
(3)
COM’L.
S
95
180
90
170
85
155
SEMR = SEML = VIH
L
95
150
90
140
85
130
ISB3
Full Standby Current
Both Ports
CEL and
MIL.
S
1.0
30
1.0
30
mA
(Both Ports — All
CER > VCC - 0.2V
L
0.2
10
0.2
10
CMOS Level Inputs)
VIN > VCC - 0.2V or
COM’L.
S
1.0
15
1.0
15
1.0
15
VIN < 0.2V, f = 0
(4)
L
0.2
5
0.2
5
0.2
5
SEMR = SEML > VCC - 0.2V
ISB4
Full Standby Current
CE"A"< 0.2V and
MIL.
S
85
200
80
175
mA
(One Port — All
CE"B" > VCC - 0.2V
(5)
L
85
170
80
150
CMOS Level Inputs)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or
COM’L.
S
90
155
85
145
80
135
VIN < 0.2V
L
90
130
85
120
80
110
Active Port Outputs Open,
f = fMAX
(3)
NOTES:
2954 tbl 10
1. "X" in part numbers indicates power rating (S or L).
2. VCC = 5V, TA = +25
°C, and are not production tested. ICCDC = 120mA(typ.)
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/ tRC, and using
“AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the opposite of port "A".
OUTPUT LOADS AND AC TEST
CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
(1)
5ns Max.
Input Timing Reference Levels 1.5V
Output Reference Levels
1.5V
Output Load
Figure 1 and 2
2954 drw 06
893
30pF
347
5V
DATAOUT
BUSY
INT
893
5pF
347
5V
DATAOUT
*
2954 drw 05
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(For tLZ, tHZ, tWZ, tOW)
Including scope and jig.
NOTE:
1. 3ns Max. for tAA=12ns


Similar Part No. - IDT7015S15GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S15GB IDT-IDT7015S15GB Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015S15GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_06 Datasheet
165Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com