Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-68SDF-802M45B Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-68SDF-802M45B
Description  1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68SDF-802M45B Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-68SDF-802M45B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68SDF-802M45B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68SDF-802M45B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68SDF-802M45B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68SDF-802M45B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-68SDF-V802MxxB
1.55
mm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
(WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25
°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Threshold current
Ith
CW
-
10
25
mA
Optical output power
at threshold current
Pth
CW, If=Ith
-
-
100
mW
Operating current
Iop
CW, Pf=2mW
-
40
65
mA
Operating voltage
Vop
CW, Pf=2mW
-
1.3
1.8
V
Input impedance
Zin
Pf=2mW
-
25
-
W
Light-emission central
wavelength
lc
(Note 1)
(Note 2)
nm
Central wavelength drift with
case temp.
Dlc/DTc Tc=-20~70°C
-1
-
0
pm/
°C
Laser operating temperature
Tset
-
20
-
35
°C
Spectral width
Dl
(Note 1), -20dB
-
0.2
0.4
nm
Side mode suppression ratio
Sr
(Note 1)
33
40
-
dB
Dispersion penalty
Pp
(Note 1), at 10
-10 BER,
+1800ps/nm
--
2
dB
Cutoff frequency
(-1.5dB optical)
fc
Pf=2mW
3.5
-
-
GHz
Rise and fall time
(10~90%)
tr, tf
(Note 1)
-
-
150
psec
Relative intensity noise
Nr
CW, Pf=2mW,
0.5~3GHz
-
-155
-145
dB/Hz
Tracking error
(Note 3)
Er
Tc=-20~70
°C,
APC, ATC
-
-
0.5
dB
Differential efficiency
h
CW, Pf=2mW
0.057
0.07
0.15
mW/
mA
Linearity
Dh
CW, Pf=0.2~2.4mW,
(Note 4)
-20
-
20
%
Monitor current
Imon
CW, Pf=2mW, Vrd=5V
0.1
-
2
mA
Tc=25
°C35
-
-
Optical isolation
Iso
Tc=-20~70
°C
23
-
-
dB
Dark current (PD)
Id
Vrd=5V, Tc=-20~70
°C
-
-
0.1
mA
Capacitance (PD)
Ct
Vrd=5V, f=1MHz
-
-
10
pF
Note 1) 2.48832Gb/s NRZ, 2
23-1, Pf_ave=1mW, Extinction ratio 10dB, optical return loss of the connectors should
be greater than 40dB in order to ensure the specified performance.
Note 2) See Table 1.
Note 3) Er=max|10
´log(Pf / Pf@25°C)|
Note 4) Variation of the differential efficiency from the straight line between 0.2mW and 2mW.


Similar Part No. - FU-68SDF-802M45B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-810M11B MITSUBISHI-FU-68SDF-810M11B Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-810M13B MITSUBISHI-FU-68SDF-810M13B Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-810M15B MITSUBISHI-FU-68SDF-810M15B Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-810M17B MITSUBISHI-FU-68SDF-810M17B Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-810M19B MITSUBISHI-FU-68SDF-810M19B Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Similar Description - FU-68SDF-802M45B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V510MXXB MITSUBISHI-FU-68PDF-V510MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-X1MXX MITSUBISHI-FU-645SDF-X1MXX Datasheet
109Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXXB MITSUBISHI-FU-68SDF-V802MXXXB Datasheet
93Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXXB MITSUBISHI-FU-68SDF-V810MXXXB Datasheet
91Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-48SDF-1 MITSUBISHI-FU-48SDF-1 Datasheet
222Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com