Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7024S17JB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7024S17JB
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7024S17JB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7024S17JB Datasheet HTML 1Page - Integrated Device Technology IDT7024S17JB Datasheet HTML 2Page - Integrated Device Technology IDT7024S17JB Datasheet HTML 3Page - Integrated Device Technology IDT7024S17JB Datasheet HTML 4Page - Integrated Device Technology IDT7024S17JB Datasheet HTML 5Page - Integrated Device Technology IDT7024S17JB Datasheet HTML 6Page - Integrated Device Technology IDT7024S17JB Datasheet HTML 7Page - Integrated Device Technology IDT7024S17JB Datasheet HTML 8Page - Integrated Device Technology IDT7024S17JB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
6.15
2
IDT7024S/L
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS (1,2)
2740 drw 02
14
15
16
17
18
19
20
INDEX
21
22
23
24
11 10 98
76
54
32
1 84 83
33 34 35 36 37 38 39 40 41 42 43 44 45
VCC
GND
I/O8L
A7L
13
12
25
26
27
28
29
30
31
32
46 47 48 49 50 51 52 53
72
71
70
69
68
67
66
65
64
63
62
73
74
61
60
59
58
57
56
55
54
82 81 80 79 78 77 76 75
GND
BUSYL
GND
IDT7024
J84-1
F84-2
84-PIN PLCC /
FLATPACK
TOP VIEW (3)
INTL
M/
S
INTR
I/O9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
I/O15L
I/O0R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
I/O8R
A6L
A5L
A4L
A3L
A2L
A1L
A0L
BUSYR
A0R
A2R
A3R
A4R
A5R
A6R
A1R
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
IDT7024
PN100-1
100-PIN
TQFP
TOP VIEW (3)
N/C
N/C
N/C
N/C
I/O10L
I/O11L
I/O12L
I/O13L
GND
I/O14L
I/O15L
VCC
GND
I/O0R
I/O1R
I/O2R
I/O3R
VCC
I/O4R
I/O5R
I/O6R
N/C
N/C
N/C
N/C
2740 drw 03
N/C
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
INTL
GND
M/
S
BUSYR
INTR
A0R
N/C
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
NOTES:
1. All Vcc pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. This text does not indicate orientation of the actual part-marking.
DESCRIPTION:
The IDT7024 is a high-speed 4K x 16 Dual-Port Static
RAM. The IDT7024 is designed to be used as a stand-alone
64K-bit Dual-Port RAM or as a combination MASTER/SLAVE
Dual-Port RAM for 32-bit or more word systems. Using the
IDT MASTER/SLAVE Dual-Port RAM approach in 32-bit or
wider memory system applications results in full-speed, error-
free operation without the need for additional discrete logic.
This device provides two independent ports with separate
control, address, and I/O pins that permit independent,
asynchronous access for reads or writes to any location in
memory. An automatic power down feature controlled by chip
enable (
CE ) permits the on-chip circuitry of each port to enter
a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technol
ogy, these devices typically operate on only 750mW of power.
Low-power (L) versions offer battery backup data retention
capability with typical power consumption of 500
µW from a 2V
battery.
The IDT7024 is packaged in a ceramic 84-pin PGA, an 84-
pin quad flatpack, an 84-pin PLCC, and a 100-pin TQFP.
Military grade product is manufactured in compliance with the
latest revision of MIL-STD-883, Class B, making it ideally suited
to military temperature applications demanding the highest
level of performance and reliability.


Similar Part No. - IDT7024S17JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7024S17JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com