Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7208L20J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7208L20J
Description  CMOS ASYNCHRONOUS FIFO 65,536 x 9
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7208L20J Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7208L20J Datasheet HTML 1Page - Integrated Device Technology IDT7208L20J Datasheet HTML 2Page - Integrated Device Technology IDT7208L20J Datasheet HTML 3Page - Integrated Device Technology IDT7208L20J Datasheet HTML 4Page - Integrated Device Technology IDT7208L20J Datasheet HTML 5Page - Integrated Device Technology IDT7208L20J Datasheet HTML 6Page - Integrated Device Technology IDT7208L20J Datasheet HTML 7Page - Integrated Device Technology IDT7208L20J Datasheet HTML 8Page - Integrated Device Technology IDT7208L20J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IDT7208 CMOS ASYNCHRONOUS FIFO
65,536 x 9
COMMERCIAL TEMPERATURE RANGES
5.06
2
PIN CONFIGURATIONS
DIP
TOP VIEW
PLCC
TOP VIEW
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Unit
VTERM
Terminal Voltage with
–0.5 to + 7.0
V
Respect to GND
TA
Operating Temperature
0 to +70
° C
TBIAS
Temperature Under Bias
–55 to +125
° C
TSTG
Storage Temperature
–55 to + 125
° C
IOUT
DC Output Current
50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCCC
Commercial Supply
4.5
5.0
5.5
V
Voltage
GND
Supply Voltage
0
0
0
V
VIH(1)
Input High Voltage
2.0
V
Commercial
VIL(1)
Input Low Voltage
0.8
V
Commercial
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
DC ELECTRICAL CHARACTERISTICS FOR THE 7208
(Commercial: VCC = 5.0V
±10%, TA = 0°C to +70°C)
IDT7208
Commercial
tA = 20, 25, 35 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI
(1)
Input Leakage Current (Any Input)
–1
1
µA
ILO
(2)
Output Leakage Current
–10
10
µA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
V
ICC1
(3)
Active Power Supply Current
120
(4)
mA
ICC2
(3)
Standby Current (
R=W=RS=FL/RT=VIH)—
12
mA
ICC3(L)
(3)
Power Down Current (All Input = VCC - 0.2V)
8
mA
NOTES:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3. ICC measurements are made with outputs open (only capacitive loading).
4. Tested at f = 20MHz.
5
6
7
8
9
10
11
12
13
FF
D 2
D 1
D 0
XI
Q 0
Q 1
GND
Q 2
1
2
3
4
14
Q 3
28
27
26
25
24
23
22
21
EF
XO/HF
Vcc
FL/RT
RS
20
19
18
17
16
15
D 3
D 8
W
Q 8
D 6
D 5
D 4
D 7
Q 5
Q 6
Q 7
Q 4
R
P28-1
3274 drw 02
5
6
7
8
9
10
11
12
13
J32-1
FF
D 2
D 1
D0
XI
Q0
Q1
29
28
27
26
25
24
23
22
21
EF
XO/HF
D 6
D 7
NC
FL/RT
RS
Q 7
Q 6
INDEX
NC
Q2
3274 drw 03


Similar Part No. - IDT7208L20J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7208L20JG IDT-IDT7208L20JG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7208L20JGI IDT-IDT7208L20JGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7208L20J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Renesas Technology Corp
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com