Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72103L35J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72103L35J
Description  CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72103L35J Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72103L35J Datasheet HTML 1Page - Integrated Device Technology IDT72103L35J Datasheet HTML 2Page - Integrated Device Technology IDT72103L35J Datasheet HTML 3Page - Integrated Device Technology IDT72103L35J Datasheet HTML 4Page - Integrated Device Technology IDT72103L35J Datasheet HTML 5Page - Integrated Device Technology IDT72103L35J Datasheet HTML 6Page - Integrated Device Technology IDT72103L35J Datasheet HTML 7Page - Integrated Device Technology IDT72103L35J Datasheet HTML 8Page - Integrated Device Technology IDT72103L35J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
5.37
2
IDT72103, IDT72104
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
COMMERCIAL TEMPERATURE RANGES
DESCRIPTION (CONTINUED)
The IDT72103/72104 may be configured to handle serial
word widths of four or greater using IDT’s unique Flexishift
feature. Flexishift allows serial width and depth expansion
without external components. For example, you may config-
ure a 4K x 24 FIFO using three IDT72104s in a serial width
expansion configuration.
Seven flags are provided to signal memory status of the
FIFO. The flags are
FF (Full), AF (7/8 full), FF–1 (Full-minus-
one),
EF (Empty), AE (1/8 full), EF+1 (Empty-plus-one), and
HF (Half-full).
Read (
R) and Write (W) control pins are provided for
asynchronous and simultaneous operations. An output en-
able (
OE) control pin is available on the parallel output port for
high-impedance control. The depth expansion control pins
XO
and
Xl are provided to allow cascading for deeper FlFOs.
The IDT72103/72104 are manufactured using IDT’s CMOS
technology.
PIN CONFIGURATIONS
PLCC
TOP VIEW
7
8
9
10
11
12
13
J44-1
39
38
37
36
35
34
33
43
2
1
43
INDEX
5
644
42 41 40
14
15
16
17
32
31
30
29
18 19 20 21 22 23 24 25 26 27 28
D 0
XI
SO/PO
SOX
SOCP
Q 0
SO
AEF
FF-1
FF
GND
FL/RT
RS
SI
SICP
SIX
GND
XO/HF
EF
EF+1
OE
SI/PI
2753 drw 03


Similar Part No. - IDT72103L35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210 IDT-IDT7210 Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L25SO IDT-IDT72105L25SO Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L25TP IDT-IDT72105L25TP Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
IDT72105L50SO IDT-IDT72105L50SO Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
More results

Similar Description - IDT72103L35J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
HM63921 ETC-HM63921 Datasheet
17Kb / 2P
   2048-word x 9-bit CMOS Parallel In-Out FIFO Memory
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com