Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7024L70F Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7024L70F
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7024L70F Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT7024L70F Datasheet HTML 4Page - Integrated Device Technology IDT7024L70F Datasheet HTML 5Page - Integrated Device Technology IDT7024L70F Datasheet HTML 6Page - Integrated Device Technology IDT7024L70F Datasheet HTML 7Page - Integrated Device Technology IDT7024L70F Datasheet HTML 8Page - Integrated Device Technology IDT7024L70F Datasheet HTML 9Page - Integrated Device Technology IDT7024L70F Datasheet HTML 10Page - Integrated Device Technology IDT7024L70F Datasheet HTML 11Page - Integrated Device Technology IDT7024L70F Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
6.15
8
IDT7024S/L
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
NOTES:
1. Timing depends on which signal is asserted last,
CE, OE, LB, or UB.
2. Timing depends on which signal is de-asserted first,
CE, OE, LB, or UB.
3. tBDD delay is required only in cases where opposite port is completing a write operation to the same address location. For simultaneous read operations
BUSY has no relation to valid output data.
4. Start of valid data depends on which timing becomes effective last tABE, tAOE, tACE, tAA or tBDD.
5.
SEM = VIH.
TIMING OF POWER-UP POWER-DOWN
WAVEFORM OF READ CYCLES(5)
tRC
R/
W
CE
ADDR
tAA
OE
UB, LB
2740 drw 07
(4)
tACE
(4)
tAOE
(4)
tABE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3, 4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
CE
2740 drw 08
tPU
ICC
ISB
tPD
50%
50%


Similar Part No. - IDT7024L70F

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024L IDT-IDT7024L Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7024L70F

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com