Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72105 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72105
Description  CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72105 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72105 Datasheet HTML 1Page - Integrated Device Technology IDT72105 Datasheet HTML 2Page - Integrated Device Technology IDT72105 Datasheet HTML 3Page - Integrated Device Technology IDT72105 Datasheet HTML 4Page - Integrated Device Technology IDT72105 Datasheet HTML 5Page - Integrated Device Technology IDT72105 Datasheet HTML 6Page - Integrated Device Technology IDT72105 Datasheet HTML 7Page - Integrated Device Technology IDT72105 Datasheet HTML 8Page - Integrated Device Technology IDT72105 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5.35
5
COMMERCIAL TEMPERATURE RANGE
IDT72105, IDT72115, IDT72125,
256 x 16, 512 x 16, 1024 x 16 PARALLEL-TO-SERIAL CMOS FIFO
AC TEST CONDITIONS
2665 tbl 07
NOTES:
1.
EF, FF, HF and AEF may change status during Reset, but flags will be valid at tRSC.
2.
SOCP should be in the steady LOW or HIGH during tRSS. The first LOW-HIGH (or HIGH-LOW) transition can begin after tRSR.
Figure 1. Reset
FUNCTIONAL DESCRIPTION
Parallel Data Input
The device must be reset before beginning operation so
that all flags are set to their initial state. In width or depth
expansion the First Load pin (
FL) must be programmed to
indicate the first device.
The data is written into the FIFO in parallel through the D0–
15
input data lines. A write cycle is initiated on the falling edge
of the Write (
W) signal provided the Full Flag (FF) is not
asserted. If the
W signal changes from HIGH-to-LOW and the
Full Flag (
FF) is already set, the write line is internally inhibited
internally from incrementing the write pointer and no write
operation occurs.
Data set-up and hold times must be met with respect to the
rising edge of Write. On the rising edge of
W, the write pointer
is incremented. Write operations can occur simultaneously or
asynchronously with read operations.
Serial Data Output
The serial data is output on the SO pin. The data is clocked
out on the rising edge of SOCP providing the Empty Flag (
EF)
is not asserted. If the Empty Flag is asserted then the next data
word is inhibited from moving to the output register and being
clocked out by SOCP.
The serial word is shifted out Least Significant Bit or Most
Significant Bit first, depending on the
FL/DIR level during
operation. A LOW on DIR will cause the Least Significant Bit
to be read out first. A HIGH on DIR will cause the Most
Significant Bit to be read out first.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
10
pF
COUT
Output
Capacitance
VOUT = 0V
12
pF
NOTE:
2665 tbl 08
1. This parameter is sampled and not 100% tested.
W
tRSC
RS
AEF, EF
HF, FF
FLAG
STABLE
FLAG
STABLE
2665 drw 04
tRSC
tRSS
tRSR
tRSC
tRS
SOCP
tRSS
tRSR
NOTE 2
tFLS
tFLH
FL/DIR
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure A
or equivalent circuit
Figure A. Output Load
*Includes jig and scope capacitances.
2665 drw 03
1.1K
30pF
680
5V
TO
OUTPUT
PIN
*


Similar Part No. - IDT72105

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210 IDT-IDT7210 Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L35J IDT-IDT72103L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L50J IDT-IDT72103L50J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104 IDT-IDT72104 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
More results

Similar Description - IDT72105

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
logo
Integrated Device Techn...
IDT72V11165 IDT-IDT72V11165 Datasheet
123Kb / 8P
   3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
STMicroelectronics
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
   16 x 16 PARALLEL CMOS MULTIPLIERS
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com