Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF01S1 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DF01S1
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DF01S1 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DF01S1 Datasheet HTML 1Page - Fairchild Semiconductor DF01S1 Datasheet HTML 2Page - Fairchild Semiconductor DF01S1 Datasheet HTML 3Page - Fairchild Semiconductor DF01S1 Datasheet HTML 4Page - Fairchild Semiconductor DF01S1 Datasheet HTML 5Page - Fairchild Semiconductor DF01S1 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2014 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DF005S1 - DF10S1 Rev. 1.0.1
4
Typical Performance Characteristics
Figure 3. Typical Instantaneous Forward
Characteristics
Figure 4. Typical Reverse Characteristics
Figure 5. Maximum Average Current vs.
Ambient Temperature
Figure 6. Peak Forward Surge Current vs.
Number of Cycles at 60Hz
Figure 7. Typical Junction Capacitance
0.01
0.1
1
10
0.30.4
0.50.6
0.70.8
0.91.0
1.11.2
1.3
T
J
= -55
oC
T
J
=125
oC
T
J
=150
oC
T
J
=25
oC
Forward Voltage Drop, V
F
[V]
0
50
100
150
200
250
300
350
400
1E-4
1E-3
0.01
0.1
1
10
100
T
J
=-55
oC
T
J
=150
oC
T
J
=25
oC
Reverse Voltage, V
R
[V]
T
J
=125
oC
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
Max Pad (Sigle die)
Ambient Temperature [
oC]
0
2040
6080
100
0
10
20
30
40
Number of Cycles at 60 Hz
0
10203040
50
0
2
4
6
8
10
12
14
16
f = 1 MHz
Reverse Voltage, V
R
[V]


Similar Part No. - DF01S1

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DF01S1203A DELTA-DF01S1203A Datasheet
222Kb / 4P
   3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
More results

Similar Description - DF01S1

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com