Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4992 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM4992
Description  1.1W Stereo Audio Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4992 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM4992 Datasheet HTML 2Page - SG Micro Corp SGM4992 Datasheet HTML 3Page - SG Micro Corp SGM4992 Datasheet HTML 4Page - SG Micro Corp SGM4992 Datasheet HTML 5Page - SG Micro Corp SGM4992 Datasheet HTML 6Page - SG Micro Corp SGM4992 Datasheet HTML 7Page - SG Micro Corp SGM4992 Datasheet HTML 8Page - SG Micro Corp SGM4992 Datasheet HTML 9Page - SG Micro Corp SGM4992 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SGM4992
1.1W Stereo Audio Power Amplifier
8
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
TDFN-4×3-14L
4.000± 0.050
3.000± 0.050
3.300± 0.050
Exp.DAP
1.700± 0.050
Exp.DAP
0.250± 0.050
0.400± 0.050
0.500 Bsc
3.000
Ref.
2.03 Ref.
0.750± 0.050
0.000-0.050
TOP VIEW
BOTTOM VIEW
SIDE VIEW
PIN #1 IDENTIFICATION
CHAMFER 0.300 x 45°
PIN #1 DOT
BY MARKING
1
14
1.7
2.8
3.3
0.6
0.25
0.5
RECOMMENDED LAND PATTERN
NOTE: All linear dimensions are in millimeters.


Similar Part No. - SGM4992

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
   Audio Power Amplifier
SGM4996 SGMICRO-SGM4996 Datasheet
355Kb / 16P
   Amplifier with Selectable Shutdown
SGM4996 SGMICRO-SGM4996 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
SGM4996YD10G/TR SGMICRO-SGM4996YD10G/TR Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
SGM4996YMS10G/TR SGMICRO-SGM4996YMS10G/TR Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
More results

Similar Description - SGM4992

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
   1.1W Audio Power Amplifier
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4861MX TI-LM4861MX Datasheet
892Kb / 20P
[Old version datasheet]   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871 Datasheet
231Kb / 6P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
logo
National Semiconductor ...
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4871 UTC-PA4871_17 Datasheet
236Kb / 7P
   1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com