Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4871 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM4871
Description  Audio Power Amplifier with Shutdown Mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4871 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM4871 Datasheet HTML 4Page - SG Micro Corp SGM4871 Datasheet HTML 5Page - SG Micro Corp SGM4871 Datasheet HTML 6Page - SG Micro Corp SGM4871 Datasheet HTML 7Page - SG Micro Corp SGM4871 Datasheet HTML 8Page - SG Micro Corp SGM4871 Datasheet HTML 9Page - SG Micro Corp SGM4871 Datasheet HTML 10Page - SG Micro Corp SGM4871 Datasheet HTML 11Page - SG Micro Corp SGM4871 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2.4W Audio Power Amplifier
SGM4871
with Shutdown Mode
9
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
SOIC-8
D
E
E1
e
b
A
A2
A1
c
L
θ
1.27
0.6
2.2
5.2
RECOMMENDED LAND PATTERN (Unit: mm)
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.27 BSC
0.050 BSC
L
0.400
1.270
0.016
0.050
θ


Similar Part No. - SGM4871

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4809 SGMICRO-SGM4809 Datasheet
347Kb / 10P
   Headphone Amplifier
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
SGM4812 SGMICRO-SGM4812 Datasheet
1Mb / 11P
   132mW Differential Input Stereo Audio Power Amplifier
SGM4812YMS10/TR SGMICRO-SGM4812YMS10/TR Datasheet
1Mb / 11P
   132mW Differential Input Stereo Audio Power Amplifier
SGM4812 SGMICRO-SGM4812_17 Datasheet
1Mb / 11P
   132mW Differential Input Stereo Audio Power Amplifier
More results

Similar Description - SGM4871

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4991 NSC-LM4991 Datasheet
543Kb / 15P
   3W Audio Power Amplifier with Shutdown Mode
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
   350mW Audio Power Amplifier with Shutdown Mode
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com