Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4582 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM4582
Description  CMOS Analog Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4582 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM4582 Datasheet HTML 1Page - SG Micro Corp SGM4582 Datasheet HTML 2Page - SG Micro Corp SGM4582 Datasheet HTML 3Page - SG Micro Corp SGM4582 Datasheet HTML 4Page - SG Micro Corp SGM4582 Datasheet HTML 5Page - SG Micro Corp SGM4582 Datasheet HTML 6Page - SG Micro Corp SGM4582 Datasheet HTML 7Page - SG Micro Corp SGM4582 Datasheet HTML 8Page - SG Micro Corp SGM4582 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SGM4582
High Voltage, CMOS Analog Multiplexer
5
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS (Dual Supplies)
(VCC = 4.5V to 5.5V, VEE = -4.5V to -5.5V,
Full = -40℃ to +85℃, typical values are at TA = +25℃, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VX_, VY_, VX, VY
Full
VEE
VCC
V
+25
36
51
On-Resistance
RON
VCC = 4.5V, VEE = -4.5V, IX, IY = 1mA
Full
62
+25
3
11
On-Resistance Match Between
Channels
RON
VCC = 4.5V, VEE = -4.5V, IX, IY = 1mA
Full
12.7
+25
15
25
On-Resistance Flatness
RFLAT(ON)
VCC = 4.5V, VEE = -4.5V, IX, IY = 1mA
Full
29
X_, Y_ Off Leakage Current
IX_(OFF), IY_(OFF)
VCC = 5.5V, VEE = -5.5V, VX_, VY_ = ±4.5V,
VX, VY =  4.5V
+25
10
nA
X, Y Off Leakage Current
IX(OFF), IY(OFF)
VCC = 5.5V, VEE = -5.5V, VX_, VY_ = ±4.5V,
VX, VY =  4.5V
+25
10
nA
X, Y On Leakage Current
IX(ON), IY(ON)
VCC = 5.5V, VEE = -5.5V, VX, VY = ±4.5V
+25
10
nA
DIGITAL I/O
Logic Input Logic Threshold High
VAH, VBH,
VENABLEH
+25
2.4
V
Logic Input Logic Threshold Low
VAL, VBL,
VENABLEL
+25
0.8
V
Input-Current High
IAH, IBH,
IENABLEH
VA, VB, VENABLE = VCC
+25
10
nA
Input-Current Low
IAL, IBL,
IENABLEL
VA, VB, VENABLE = 0V
+25
10
nA
DYNAMIC CHARACTERISTICS
Address Transition Time
tTRANS
VX_, VY_ = ±3V, RL = 300Ω, CL = 35pF, Test Circuit 1 +25
70
ns
ENABLE Turn-On Time
tON
VX_, VY_ = 3V, RL = 300Ω, CL = 35pF, Test Circuit 2
+25
60
ns
ENABLE Turn-Off Time
tOFF
VX_, VY_ = 3V, RL = 300Ω, CL = 35pF, Test Circuit 2
+25
60
ns
Break-Before-Make Time
tD
VX_, VY_ = 3V, RL = 300Ω, CL = 35pF, Test Circuit 3
+25
20
ns
Charge Injection
Q
RS = 0Ω, C = 1nF, VS = 0V, Test Circuit 4
+25
15
pC
Channel-to-Channel Crosstalk
VCT
RL = 50Ω, f = 1MHz, Test Circuit 5
+25
-100
dB
Off Isolation
VISO
RL = 50Ω, f = 1MHz, Test Circuit 5
+25
-66
dB
Input Off-Capacitance
CX_(OFF), CY_(OFF) f = 1MHz, Test Circuit 6
+25
9
pF
Output Off-Capacitance
CX(OFF), CY(OFF) f = 1MHz, Test Circuit 6
+25
20
pF
Output On-Capacitance
CX(ON), CY(ON)
f = 1MHz, Test Circuit 6
+25
40
pF
-3dB Bandwidth
BW
RL = 50Ω
+25
120
MHz
Total Harmonic Distortion
THD
RL = 600Ω, 5VP-P, f = 20Hz to 20kHz
+25
0.08
%
POWER SUPPLY
Power Supply Range
VCC, VEE
Full
±1.8
±5.5
V
Power Supply Current
ICC, IEE
VCC = 5.5V, VEE = -5.5V, VA, VB, VENABLE = VCC or 0
+25
0.01
20
μA


Similar Part No. - SGM4582

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4581 SGMICRO-SGM4581 Datasheet
367Kb / 17P
   CMOS Analog Multiplexer
SGM4583 SGMICRO-SGM4583 Datasheet
369Kb / 17P
   CMOS Analog Switch
More results

Similar Description - SGM4582

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4581 SGMICRO-SGM4581 Datasheet
367Kb / 17P
   CMOS Analog Multiplexer
logo
Maxim Integrated Produc...
DG508SMD MAXIM-DG508SMD Datasheet
30Kb / 4P
   MONOLITHIC CMOS, ANALOG MULTIPLEXER
19-0339 Rev. B
DG508509 MAXIM-DG508509 Datasheet
32Kb / 4P
   MONOLITHIC CMOS, ANALOG MULTIPLEXER
19-3112 Rev. C
logo
Burr-Brown (TI)
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
Maxwell Technologies
306RPFX MAXWELL-306RPFX Datasheet
272Kb / 16P
   16-Channel CMOS Analog Multiplexer
logo
Intersil Corporation
IH6108 INTERSIL-IH6108 Datasheet
80Kb / 9P
   8-Channel CMOS Analog Multiplexer
logo
Maxim Integrated Produc...
DG441442 MAXIM-DG441442 Datasheet
32Kb / 4P
   IMPROVED, QUAD, SPST, CMOS ANALOG MULTIPLEXER
19-0093 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com