Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM4056 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM4056
Description  High Input Voltage Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4056 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM4056 Datasheet HTML 2Page - SG Micro Corp SGM4056 Datasheet HTML 3Page - SG Micro Corp SGM4056 Datasheet HTML 4Page - SG Micro Corp SGM4056 Datasheet HTML 5Page - SG Micro Corp SGM4056 Datasheet HTML 6Page - SG Micro Corp SGM4056 Datasheet HTML 7Page - SG Micro Corp SGM4056 Datasheet HTML 8Page - SG Micro Corp SGM4056 Datasheet HTML 9Page - SG Micro Corp SGM4056 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
High Input Voltage Charger
6
SGM4056
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
Preconditioning Charge Threshold Voltage
vs. Temperature
2.450
2.475
2.500
2.525
2.550
2.575
2.600
-50
-25
0
255075
100
Temperature (
℃)
VIN = 5V
RIREF = 24.3kΩ
Output Voltage vs. Temperature
4.180
4.185
4.190
4.195
4.200
4.205
4.210
4.215
-50
-25
0
25
50
75
100
Temperature (
℃)
VIN = 5V
RIREF = 24.3k
Charge Current = 20mA
CHG Pin Current vs. Temperature (Sink)
15.0
17.5
20.0
22.5
25.0
27.5
30.0
-50
-25
0
25
50
75
100
Temperature (
℃)
VIN = 5V
VBAT = 3.8V
VCHG = 1V
IREF Pin Output Voltage vs. Temperature
1.200
1.205
1.210
1.215
1.220
1.225
1.230
-50
-25
0
25
50
75
100
Temperature (
℃)
VIN = 5V
RIREF = 120k
VBAT = 3.8V
Charge Current vs. Temperature
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100 125 150
Temperature (
℃)
RIREF = 24.3kΩ
VIN = 5V
VBAT = 3.8V
TDFN-3×3-8L
RIREF = 120kΩ
PPR Pin Current vs. Temperature (Sink)
15.0
17.5
20.0
22.5
25.0
27.5
30.0
-50
-25
0
25
50
75
100
Temperature (
℃)
VIN = 5V
VBAT = 3.8V
VPPR = 1V


Similar Part No. - SGM4056

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
1Mb / 20P
   High Input Voltage Charger
SGM4056-10.5YPS8G/TR SGMICRO-SGM4056-10.5YPS8G/TR Datasheet
1Mb / 20P
   High Input Voltage Charger
SGM4056-10.5YTDB8G/TR SGMICRO-SGM4056-10.5YTDB8G/TR Datasheet
1Mb / 20P
   High Input Voltage Charger
SGM4056-10.5YTDC8G/TR SGMICRO-SGM4056-10.5YTDC8G/TR Datasheet
1Mb / 20P
   High Input Voltage Charger
SGM4056-10.5YTDE8G/TR SGMICRO-SGM4056-10.5YTDE8G/TR Datasheet
1Mb / 20P
   High Input Voltage Charger
More results

Similar Description - SGM4056

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
   High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
   High Input Voltage Charger
ISL9222A RENESAS-ISL9222A Datasheet
422Kb / 8P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294 INTERSIL-ISL6294 Datasheet
222Kb / 8P
   High Input Voltage Charger
ISL9222 INTERSIL-ISL9222 Datasheet
121Kb / 8P
   High Input Voltage Charger
ISL6294 INTERSIL-ISL6294_07 Datasheet
178Kb / 9P
   High Input Voltage Charger
ISL6294A INTERSIL-ISL6294A Datasheet
147Kb / 8P
   High Input Voltage Charger
ISL9204 INTERSIL-ISL9204 Datasheet
261Kb / 10P
   High Input Voltage Charger
ISL9204IRZ-T INTERSIL-ISL9204IRZ-T Datasheet
268Kb / 10P
   High Input Voltage Charger
October 4, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com