Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3799 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM3799
Description  DPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3799 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM3799 Datasheet HTML 4Page - SG Micro Corp SGM3799 Datasheet HTML 5Page - SG Micro Corp SGM3799 Datasheet HTML 6Page - SG Micro Corp SGM3799 Datasheet HTML 7Page - SG Micro Corp SGM3799 Datasheet HTML 8Page - SG Micro Corp SGM3799 Datasheet HTML 9Page - SG Micro Corp SGM3799 Datasheet HTML 10Page - SG Micro Corp SGM3799 Datasheet HTML 11Page - SG Micro Corp SGM3799 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
0.5Ω, Low Voltage
SGM3799
Dual, DPDT Analog Switch
8
SG Micro Corp
www.sg-micro.com
TEST CIRCUITS (Cont.)
VOUT
NO
COM
VNO or VNC
RL
50
Ω
V+
GND
CL
35pF
IN
0.1
μF
V+
VOUT
VIN
50%
90%
tD
NC
VNO or VNC
0
Test Circuit 4. Break-Before-Make Time Delay, tD
VOUT
NO
COM
RL
50
Ω
V+
GND
0.1
μF
V+
Source
Signal
IN
NC
CL
5pF
RL
50
Ω
Test Circuit 5. Off Isolation


Similar Part No. - SGM3799

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
   PWM Dimming, 38V Step-Up LED Driver
SGM3720 SGMICRO-SGM3720 Datasheet
1Mb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3720 SGMICRO-SGM3720_16 Datasheet
1Mb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725 Datasheet
345Kb / 13P
   38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
More results

Similar Description - SGM3799

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
   DPDT Analog Switch
SGM44599 SGMICRO-SGM44599 Datasheet
336Kb / 13P
   DPDT Analog Switch
SGM44601 SGMICRO-SGM44601 Datasheet
384Kb / 12P
   DPDT Analog Switch
SGM44600 SGMICRO-SGM44600_15 Datasheet
330Kb / 11P
   DPDT Analog Switch
SGM7223 SGMICRO-SGM7223 Datasheet
680Kb / 13P
   DPDT Analog Switch
SGM7222 SGMICRO-SGM7222 Datasheet
711Kb / 16P
   DPDT Analog Switch
logo
ON Semiconductor
FSA2457 ONSEMI-FSA2457 Datasheet
172Kb / 10P
   Dual DPDT, Analog Data Switch
Nov ember-2017, Rev . 2
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Pericom Semiconductor C...
PI3A3899 PERICOM-PI3A3899 Datasheet
282Kb / 7P
   High Speed, Dual DPDT Analog Switch
logo
Will Semiconductor Ltd.
WAS7227Q WILLSEMI-WAS7227Q Datasheet
688Kb / 9P
   USB High speed (480Mbps), DPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com