Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3736 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM3736
Description  PWM Dimming, 38V Step-Up LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3736 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM3736 Datasheet HTML 4Page - SG Micro Corp SGM3736 Datasheet HTML 5Page - SG Micro Corp SGM3736 Datasheet HTML 6Page - SG Micro Corp SGM3736 Datasheet HTML 7Page - SG Micro Corp SGM3736 Datasheet HTML 8Page - SG Micro Corp SGM3736 Datasheet HTML 9Page - SG Micro Corp SGM3736 Datasheet HTML 10Page - SG Micro Corp SGM3736 Datasheet HTML 11Page - SG Micro Corp SGM3736 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PWM Dimming, 38V Step-Up LED Driver
9
SGM3736
SG Micro Corp
www.sg-micro.com
APPLICATION INFORMATION
Inductor Selection
A 6.8μH to 22μH inductor is recommended for 10/8/6
series LED applications and 10S4P LED applications. If
high efficiency is a critical requirement, a low DCR
inductor should be selected. The inductor’s saturation
current rating should also exceed the peak input current,
especially for high load current application (like 10S4P).
Capacitor Selection
Small size ceramic capacitors are ideal for SGM3736
application. An input capacitor in the range of 1μF to
22μF and a 0.47μF output capacitor are suggested for
10/8/6 series LED applications. For higher output current
applications like 10S4P, larger value output capacitors
like 2.2μF are recommended to minimize output ripple.
Diode Selection
The current rating of the Schottky diode should exceed
the peak current of the boost converter. The voltage
rating should also exceed the target output voltage.
LED Maximum Current Setting
LED maximum current setting, IMAX, is determined by the
feedback resistor (RSET in Figure 1). The feedback
voltage is internally set at 200mV when the PWM
dimming duty cycle = 100%. The LED current is
programmed according to the formula IMAX = 200mV/RSET.
For accurate LED current settings, precision 1% resistors
are recommended. The formula and table for RSET
selection are shown below.
RSET = 200mV/IMAX
Table 1. Current Setting Resistor (1% Values)
RSET (Ω) 1% Values
IMAX Current (mA)
200
1
40.2
5
20.0
10
13.3
15
10.0
20
6.65
30
2.00
100
Layout Considerations
PCB layout is very important for high frequency switching
regulators in order to keep the loop stable and minimize
noise. The input capacitor should be very close to the IC
to get the best decoupling. The path of the inductor and
output capacitor should be kept as short as possible to
minimize noise and ringing.
VIN
EN/PWM
PGND
FB
VOUT
D1
COUT
0.47µ
F
Input Power
2.7V~30V
CIN
22
μF
SGM3736
L
SW
20mA
10-Series White LEDs
8
2
1
7
3
6
Bias Voltage
2.7V~5.5V
C1
0.1µ
F
10
μH
PWM
Dimming
1k
Ω
RSET
10
Ω
RSET
5
GND
4
Figure 1. Application Circuit for 10 LEDs in Series with 20mA Current (VIN can be tied to input power rail if less than 5.5V)


Similar Part No. - SGM3736

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3736 SGMICRO-SGM3736 Datasheet
691Kb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3736YTDE8G/TR-V1 SGMICRO-SGM3736YTDE8G/TR-V1 Datasheet
691Kb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736_15 Datasheet
691Kb / 11P
   PWM Dimming, 38V Step-Up LED Driver
More results

Similar Description - SGM3736

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
   PWM Dimming, 38V Step-Up LED Driver
SGM3732 SGMICRO-SGM3732 Datasheet
373Kb / 13P
   PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736_15 Datasheet
691Kb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3720 SGMICRO-SGM3720_16 Datasheet
1Mb / 11P
   PWM Dimming, 38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725_16 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725 Datasheet
345Kb / 13P
   38V Step-Up LED Driver
SGM3735 SGMICRO-SGM3735 Datasheet
343Kb / 13P
   38V Step-Up LED Driver
logo
Kinetic Technologies.
KTD2505R KINETIC-KTD2505R Datasheet
533Kb / 15P
   38V High Efficiency Step-Up LED Driver with PWM/ExpressWire™
January 2016 - Revision 04b
KTD2500 KINETIC-KTD2500 Datasheet
541Kb / 14P
   38V/26V Step-Up LED Driver with PWM/ExpressWire™ Control
January 2016 - Revision 04m
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
   High Efficiency, 38V Step-Up White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com