Electronic Components Datasheet Search |
|
SGM3167 Datasheet(PDF) 2 Page - SG Micro Corp |
|
SGM3167 Datasheet(HTML) 2 Page - SG Micro Corp |
2 / 11 page 600MHz, Low Voltage SPDT SGM3167 Analog Switch in 6-pin SC70 2 SG Micro Corp www.sg-micro.com PACKAGE/ORDERING INFORMATION MODEL PIN- PACKAGE SPECIFIED TEMPERATURE RANGE ORDERING NUMBER PACKAGE MARKING PACKAGE OPTION SGM3167 SC70-6 -40 ℃ to +85℃ SGM3167YC6/TR 3167 Tape and Reel, 3000 ABSOLUTE MAXIMUM RATINGS V+, IN to GND...........................................................-0.3V to 6V Analog, Digital voltage range (1).................. -0.3V to (V+) + 0.3V Continuous Current NO, NC, or COM............................±30mA Peak Current NO, NC, or COM......................................±50mA Operating Temperature Range...........................-40 ℃ to +85℃ Junction Temperature.......................................................150°C Storage Temperature Range............................-65°C to +150°C Lead Temperature (soldering, 10s)...................................260°C ESD (HBM).......................................................................2000V ESD (MM)...........................................................................400V NOTES: 1. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings. 2. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. CAUTION This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. SGMICRO recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. SGMICRO reserves the right to make any change in circuit design, specification or other related things if necessary without notice at any time. Please contact SGMICRO sales office to get the latest datasheet. |
Similar Part No. - SGM3167_15 |
|
Similar Description - SGM3167_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |