Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V428 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71V428
Description  3.3V CMOS STATIC RAM 4 MEG (1M x 4-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V428 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71V428 Datasheet HTML 1Page - Integrated Device Technology IDT71V428 Datasheet HTML 2Page - Integrated Device Technology IDT71V428 Datasheet HTML 3Page - Integrated Device Technology IDT71V428 Datasheet HTML 4Page - Integrated Device Technology IDT71V428 Datasheet HTML 5Page - Integrated Device Technology IDT71V428 Datasheet HTML 6Page - Integrated Device Technology IDT71V428 Datasheet HTML 7Page - Integrated Device Technology IDT71V428 Datasheet HTML 8Page - Integrated Device Technology IDT71V428 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.42
5
IDT71V428S, IDT71V428L, 3.3V CMOS Static RAM
4 Meg (1M x 4-Bit)
Commercial and Industrial Temperature Ranges
AC Electrical Characteristics (VDD = 3.3V ± 10%, Commercial and Industrial Temperature Ranges)
NOTES:
1. This parameter guaranteed with the AC load (Figure 2) by device characterization, but is not production tested.
2. 0
°C to +70°C temperature range only for low power 10ns (L10) speed grade.
71V428S/L10
(2)
71V428S/L12
71V428S/L15
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
Unit
READ CYCLE
tRC
Read Cycle Time
10
____
12
____
15
____
ns
tAA
Address Access Time
____
10
____
12
____
15
ns
tACS
Chip Select Access Time
____
10
____
12
____
15
ns
tCLZ(1)
Chip Select to Output in Low-Z
4
____
4
____
4
____
ns
tCHZ(1)
Chip Deselect to Output in High-Z
____
5
____
6
____
7ns
tOE
Output Enable to Output Valid
____
5
____
6
____
7ns
tOLZ
(1)
Output Enable to Output in Low-Z
0
____
0
____
0
____
ns
tOHZ(1)
Output Disable to Output in High-Z
____
5
____
6
____
7ns
tOH
Output Hold from Address Change
4
____
4
____
4
____
ns
tPU
(1)
Chip Select to Power Up Time
0
____
0
____
0
____
ns
tPD(1)
Chip Deselect to Power Down Time
____
10
____
12
____
15
ns
WRITE CYCLE
tWC
Write Cycle Time
10
____
12
____
15
____
ns
tAW
Address Valid to End of Write
8
____
8
____
10
____
ns
tCW
Chip Select to End of Write
8
____
8
____
10
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
8
____
10
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End of Write
6
____
6
____
7
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
ns
tOW(1)
Output Active from End of Write
3
____
3
____
3
____
ns
tWHZ(1)
Write Enable to Output in High-Z
____
6
____
7
____
7ns
3623 tbl 10


Similar Part No. - IDT71V428

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428L IDT-IDT71V428L Datasheet
76Kb / 9P
   3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V428L10YYYG IDT-IDT71V428L10YYYG Datasheet
76Kb / 9P
   3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V428L10YYYGI IDT-IDT71V428L10YYYGI Datasheet
76Kb / 9P
   3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V428L12YYYG IDT-IDT71V428L12YYYG Datasheet
76Kb / 9P
   3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V428L12YYYGI IDT-IDT71V428L12YYYGI Datasheet
76Kb / 9P
   3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
More results

Similar Description - IDT71V428

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V428S IDT-IDT71V428S Datasheet
76Kb / 9P
   3.3V CMOS Static RAM 4 Meg (1M x 4-Bit)
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com