Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7198L70DB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7198L70DB
Description  CMOS STATIC RAMs 64K (16K x 4-BIT) Added Chip Select and Output Controls
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7198L70DB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7198L70DB Datasheet HTML 1Page - Integrated Device Technology IDT7198L70DB Datasheet HTML 2Page - Integrated Device Technology IDT7198L70DB Datasheet HTML 3Page - Integrated Device Technology IDT7198L70DB Datasheet HTML 4Page - Integrated Device Technology IDT7198L70DB Datasheet HTML 5Page - Integrated Device Technology IDT7198L70DB Datasheet HTML 6Page - Integrated Device Technology IDT7198L70DB Datasheet HTML 7Page - Integrated Device Technology IDT7198L70DB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6.4
4
IDT7198S/L
CMOS STATIC RAM 64K (16K x 4-BIT) Added Chip Select and Output Enable Controls
MILITARY TEMPERATURE RANGE
DATA RETENTION CHARACTERISTICS OVER MILITARY TEMPERATURE RANGE
(L Version Only) VLC = 0.2V, VHC = VCC - 0.2V
Typ.
(1)
Max.
VCC @VCC @
Symbol
Parameter
Test Condition
Min.
2.0v
3.0V
2.0V
3.0V
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
10
15
600
900
µA
tCDR
(3)
Chip Deselect to Data
CS1 or CS2 ≥ VHC
0—
ns
Retention Time
VIN
≥ VHC or ≤ VLC
tR
(3)
Operation Recovery Time
tRC
(2)
——
——
ns
|ILI|
(3)
Input Leakage Current
2
2
µA
NOTES:
2985 tbl 09
1. TA = +25
°C.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization but is not production tested.
DC ELECTRICAL CHARACTERISTICS
(1)
(VCC = 5V
± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
7198S20
7198S25
7198S35
7198S45 7198S55/70 7198S85
7198L20
7198L25
7198L35
7198L45 7198L55/70 7198L85
Symbol
Parameter
Power
Military
Military
Military
Military
Military
Military
Unit
ICC1
Operating Power
S
105
105
105
105
105
105
mA
Supply Current,
CS1 and
CS2 ≤ VIL, Outputs Open
L
80
80
80
80
80
80
VCC = Max., f = 0
(2)
ICC2
Dynamic Operating
S
160
155
140
140
140
140
mA
Current,
CS1 and
CS2 ≤ VIL, Outputs Open
L
130
120
115
110
110
105
VCC = Max., f = fMAX
(2)
ISB
Standby Power Supply
S
70
60
50
50
50
50
mA
Current (TTL Level),
CS1
or
CS2 ≥ VIH, VCC = Max.,
L
50
40
35
35
35
35
Outputs Open, f = fMAX
(2)
ISB1
Full Standby Power
S
25
20
20
20
20
20
mA
Supply Current (CMOS
Level)
CS1 or CS2 ≥ VHC,
VCC= Max., VIN
≥ VHC or
L
1.5
1.5
1.5
1.5
1.5
1.5
VIN
≤ VLC, f = 0(2)
NOTES:
2985 tbl 06
1. All values are maximum guaranteed values.
2. At f = fMAX address and data inputs are cycling at the maximum frequency of read cycles of 1/tRC. f = 0 means no input lines change.
LOW VCC DATA RETENTION WAVEFORM
2985 drw 04
DATA
RETENTION
MODE
4.5V
4.5V
VDR
≥2V
VIH
VIH
tR
t CDR
VCC
CS
VDR


Similar Part No. - IDT7198L70DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PH IDT-IDT71016S12PH Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHG IDT-IDT71016S12PHG Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHGI IDT-IDT71016S12PHGI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S12PHI IDT-IDT71016S12PHI Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
More results

Similar Description - IDT7198L70DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com