Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7164S70Y Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7164S70Y
Description  CMOS STATIC RAM 64K (8K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164S70Y Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT7164S70Y Datasheet HTML 1Page - Integrated Device Technology IDT7164S70Y Datasheet HTML 2Page - Integrated Device Technology IDT7164S70Y Datasheet HTML 3Page - Integrated Device Technology IDT7164S70Y Datasheet HTML 4Page - Integrated Device Technology IDT7164S70Y Datasheet HTML 5Page - Integrated Device Technology IDT7164S70Y Datasheet HTML 6Page - Integrated Device Technology IDT7164S70Y Datasheet HTML 7Page - Integrated Device Technology IDT7164S70Y Datasheet HTML 8Page - Integrated Device Technology IDT7164S70Y Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6.1
7
IDT7164S/L
CMOS STATIC RAM 64K (8K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF READ CYCLE NO. 1
(1)
NOTES:
1.
WE is HIGH for Read cycle.
2. Device is continuously selected,
CS1 is LOW, CS2 is HIGH.
3. Address valid prior to or coincident with
CS1 transition LOW and CS2 transition HIGH.
4.
OE is LOW.
5. Transition is measured
±200mV from steady state.
TIMING WAVEFORM OF READ CYCLE NO. 2
(1, 2, 4)
TIMING WAVEFORM OF READ CYCLE NO. 3
(1, 3, 4)
2967 drw 05
ADDRESS
CS1
OE
DATA OUT
CS2
tRC
tAA
tOH
tACS2
tCLZ2
(5)
tOE
tACS1
tCLZ1
(5)
tOLZ
(5)
tCHZ2
(5)
tOHZ
(5)
tCHZ1
(5)
DATA VALID
2967 drw 06
ADDRESS
DATA OUT
tRC
tAA
tOH
tOH
DATA VALID
2967 drw 07
DATA OUT
tACS2
(5)
CS1
CS2
tCLZ2
tACS1
(5)
tCLZ1
tPU
tPD
ICC
ISB
tCHZ2
(5)
tCHZ1
(5)
DATA VALID
POWER
SUPPLY
CURRENT


Similar Part No. - IDT7164S70Y

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S Datasheet
749Kb / 10P
   CMOS Static RAM 64K
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
More results

Similar Description - IDT7164S70Y

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com