Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3139 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM3139
Description  Ultra Low Dropout Current Source
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3139 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM3139 Datasheet HTML 2Page - SG Micro Corp SGM3139 Datasheet HTML 3Page - SG Micro Corp SGM3139 Datasheet HTML 4Page - SG Micro Corp SGM3139 Datasheet HTML 5Page - SG Micro Corp SGM3139 Datasheet HTML 6Page - SG Micro Corp SGM3139 Datasheet HTML 7Page - SG Micro Corp SGM3139 Datasheet HTML 8Page - SG Micro Corp SGM3139 Datasheet HTML 9Page - SG Micro Corp SGM3139 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6-Channel 1-Wire Dimming LED Driver
with Ultra Low Dropout Current Source
7
SGM3139
SG Micro Corp
www.sg-micro.com
PACKAGE OUTLINE DIMENSIONS
TDFN-3×3-10L
RECOMMENDED LAND PATTERN
(Unit: mm)
1.7 2.8
2.4
0.6
0.24
0.5
A
N10
N5
N1
D1
E1
SIDE VIEW
BOTTOM VIEW
TOP VIEW
A1
A2
k
b
L
e
D
E
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A2
0.203 REF
0.008 REF
D
2.900
3.100
0.114
0.122
D1
2.300
2.600
0.091
0.103
E
2.900
3.100
0.114
0.122
E1
1.500
1.800
0.059
0.071
k
0.200 MIN
0.008 MIN
b
0.180
0.300
0.007
0.012
e
0.500 TYP
0.020 TYP
L
0.300
0.500
0.012
0.020


Similar Part No. - SGM3139

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3131 SGMICRO-SGM3131 Datasheet
370Kb / 13P
   Driver with Low Dropout Current Source
SGM3131 SGMICRO-SGM3131 Datasheet
2Mb / 13P
   120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
   120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3132 SGMICRO-SGM3132 Datasheet
324Kb / 11P
   Ultra Low Dropout Current Source
SGM3132 SGMICRO-SGM3132 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
More results

Similar Description - SGM3139

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132 Datasheet
324Kb / 11P
   Ultra Low Dropout Current Source
SGM3138 SGMICRO-SGM3138 Datasheet
328Kb / 11P
   Low Dropout Current Source
SGM3131 SGMICRO-SGM3131 Datasheet
370Kb / 13P
   Driver with Low Dropout Current Source
SGM3142 SGMICRO-SGM3142 Datasheet
337Kb / 14P
   Driver with Low Dropout Current Source
SGM3146 SGMICRO-SGM3146 Datasheet
285Kb / 12P
   Driver with Low Dropout Current Source
logo
Richtek Technology Corp...
RT9300A RICHTEK-RT9300A_11 Datasheet
118Kb / 9P
   Tiny Package, Low Dropout Current Source
RT9300A RICHTEK-RT9300A Datasheet
97Kb / 7P
   Tiny Package, Low Dropout Current Source
logo
SG Micro Corp
SGM3133 SGMICRO-SGM3133 Datasheet
326Kb / 13P
   Driver with Low Dropout Current Source
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301 Datasheet
67Kb / 6P
   Dual Low Dropout Voltage LED Driver/Current Source
July, 2006 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com