Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3132 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM3132
Description  Ultra Low Dropout Current Source
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3132 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM3132 Datasheet HTML 1Page - SG Micro Corp SGM3132 Datasheet HTML 2Page - SG Micro Corp SGM3132 Datasheet HTML 3Page - SG Micro Corp SGM3132 Datasheet HTML 4Page - SG Micro Corp SGM3132 Datasheet HTML 5Page - SG Micro Corp SGM3132 Datasheet HTML 6Page - SG Micro Corp SGM3132 Datasheet HTML 7Page - SG Micro Corp SGM3132 Datasheet HTML 8Page - SG Micro Corp SGM3132 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SGM3132
4-Channel 1-Wire Dimming LED Driver
with Ultra Low Dropout Current Source
GENERAL DESCRIPTION
The SGM3132 is a 4-channel ultra low dropout
constant source parallel LED driver. The SGM3132
uses an internal resistor to set the bias current for four
LEDs.
The SGM3132 incorporates a single wire interface to
program the output current at 16 continuous steps. It
has an internal deglitch circuit for filtering the noise of
the EN input.
The SGM3132 requires only a 35mV dropout voltage at
a 20mA load. The feature makes SGM3132 ideal for
battery-operated systems, such as personal digital
assistants.
The SGM3132 is available in Green TQFN-3×3-16L,
TDFN-2×2-8L and MSOP-8 packages and is specified
over an ambient temperature range of -40
℃ to +85℃.
APPLICATIONS
Wireless Handsets
MP3, MP4, and PMP
Cellular Phones
Portable Communication Devices
Digital Cameras, Camcorders
PDAs, Palmtops, and Handy Terminals
Battery-Powered Equipment
FEATURES
● Ultra Low Dropout: 35mV/20mA
● Support up to 4 LEDs
● LED Sink Current 20mA
● ±3% LED Current Matching
● Deglitch Circuit
● Thermal Shutdown Protection
● 16-Step Brightness Control
● No EMI and Switch Noise
● Operating Temperature Range: -40℃ to +85℃
● Available in Green TQFN-3×3-16L, TDFN-2×2-8L
and MSOP-8 Packages
TYPICAL APPLICATION
1
2
n=16
Pulse Inpput
EN
LED1
LED2
LED3
LED4
AGND
PGND
VIN
SGM3132
2.5V to 5.0V
1µF
REV. A. 2
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM3132

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
SGM3132YDE8G/TR SGMICRO-SGM3132YDE8G/TR Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
SGM3132YMS8G/TR SGMICRO-SGM3132YMS8G/TR Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
SGM3132YTQ16G/TR SGMICRO-SGM3132YTQ16G/TR Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
More results

Similar Description - SGM3132

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3139 SGMICRO-SGM3139 Datasheet
332Kb / 10P
   Ultra Low Dropout Current Source
SGM3138 SGMICRO-SGM3138 Datasheet
328Kb / 11P
   Low Dropout Current Source
SGM3131 SGMICRO-SGM3131 Datasheet
370Kb / 13P
   Driver with Low Dropout Current Source
SGM3142 SGMICRO-SGM3142 Datasheet
337Kb / 14P
   Driver with Low Dropout Current Source
SGM3146 SGMICRO-SGM3146 Datasheet
285Kb / 12P
   Driver with Low Dropout Current Source
logo
Richtek Technology Corp...
RT9300A RICHTEK-RT9300A_11 Datasheet
118Kb / 9P
   Tiny Package, Low Dropout Current Source
RT9300A RICHTEK-RT9300A Datasheet
97Kb / 7P
   Tiny Package, Low Dropout Current Source
logo
SG Micro Corp
SGM3133 SGMICRO-SGM3133 Datasheet
326Kb / 13P
   Driver with Low Dropout Current Source
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301 Datasheet
67Kb / 6P
   Dual Low Dropout Voltage LED Driver/Current Source
July, 2006 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com