Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3128 Datasheet(PDF) 4 Page - SG Micro Corp

Part # SGM3128
Description  3-Channel LowDropout Low Side White LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3128 Datasheet(HTML) 4 Page - SG Micro Corp

  SGM3128 Datasheet HTML 1Page - SG Micro Corp SGM3128 Datasheet HTML 2Page - SG Micro Corp SGM3128 Datasheet HTML 3Page - SG Micro Corp SGM3128 Datasheet HTML 4Page - SG Micro Corp SGM3128 Datasheet HTML 5Page - SG Micro Corp SGM3128 Datasheet HTML 6Page - SG Micro Corp SGM3128 Datasheet HTML 7Page - SG Micro Corp SGM3128 Datasheet HTML 8Page - SG Micro Corp SGM3128 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3-Channel Low Dropout
Low Side White LED Driver
4
SG Micro Corp
www.sg-micro.com
SGM3128
ELECTRICAL CHARACTERISTICS
(TA = +25°C, VIN = 3.7V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operation Voltage Range
VCC
2.5
5.5
V
Shutdown Supply Current
ISHDN
VEN < 0.4V
1
μA
LED Sink Current
ILED
27
30
33
mA
Quiescent Power Supply Current
IQ
ILED = 0
240
μA
LED Dropout Voltage
ILED = 30mA, VLED @ ILEDn=90% × ILED
50
mV
LED Current Deviation Matching
DLED
-5
+5
%
Input High Voltage at EN
VIH
VEN > VIH for enable IH
1.5
V
Input Low Voltage at EN
VIL
VEN < VIL for disable IL
0.4
V
OTP
145
OTP Hysteresis
10


Similar Part No. - SGM3128

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3122 SGMICRO-SGM3122 Datasheet
368Kb / 17P
   PWM Brightness Control
SGM3122 SGMICRO-SGM3122 Datasheet
2Mb / 16P
   White LED Charge Pump Current Source with PWM Brightness Control
SGM3122YTQ16G/TR SGMICRO-SGM3122YTQ16G/TR Datasheet
2Mb / 16P
   White LED Charge Pump Current Source with PWM Brightness Control
SGM3122 SGMICRO-SGM3122_16 Datasheet
2Mb / 16P
   White LED Charge Pump Current Source with PWM Brightness Control
SGM3123 SGMICRO-SGM3123 Datasheet
307Kb / 10P
   White LED Driver with LowDropout CurrentSource
More results

Similar Description - SGM3128

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3123 SGMICRO-SGM3123 Datasheet
307Kb / 10P
   White LED Driver with LowDropout CurrentSource
SGM3135 SGMICRO-SGM3135 Datasheet
302Kb / 10P
   Low Side White LED Driver
logo
Sitronix Technology Co....
ST1208 SITRONIX-ST1208 Datasheet
254Kb / 12P
   3-Channel White LED Driver
logo
Monolithic Power System...
MP4700 MPS-MP4700 Datasheet
628Kb / 19P
   High-Brightness, BCM, Low Side Buck White LED Driver
logo
Motorola, Inc
MPIC2131 MOTOROLA-MPIC2131 Datasheet
172Kb / 6P
   3 HIGH SIDE & 3 LOW SIDE DRIVER
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
   2 or 3 Channel Low Dropout High Side Linear LED Driver
logo
Rohm
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
   8-Channel White LED Driver
logo
Richtek Technology Corp...
RT9373A RICHTEK-RT9373A Datasheet
274Kb / 11P
   3-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com