Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7188S45DB Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7188S45DB
Description  CMOS STATIC RAM 64K 16K x 4-BIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7188S45DB Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT7188S45DB Datasheet HTML 1Page - Integrated Device Technology IDT7188S45DB Datasheet HTML 2Page - Integrated Device Technology IDT7188S45DB Datasheet HTML 3Page - Integrated Device Technology IDT7188S45DB Datasheet HTML 4Page - Integrated Device Technology IDT7188S45DB Datasheet HTML 5Page - Integrated Device Technology IDT7188S45DB Datasheet HTML 6Page - Integrated Device Technology IDT7188S45DB Datasheet HTML 7Page - Integrated Device Technology IDT7188S45DB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
IDT7188S/L
CMOS Static RAM 64K (16K x 4-Bit)
Military Temperature Range
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
sramhelp@idt.com
Santa Clara, CA 95054
fax:408-492-8674
800 544-7726, x4033
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
11/xx/99
Updated to new format
Pg. 2, 3, 4
Removed commercial temperature data
Pg. 8
Added Datasheet Document History
08/09/00
Not recommended for new designs
02/01/01
Removed "Not recommended for new designs"


Similar Part No. - IDT7188S45DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7187 IDT-IDT7187 Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L IDT-IDT7187L Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L25DB IDT-IDT7187L25DB Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L25L22B IDT-IDT7187L25L22B Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
IDT7187L35DB IDT-IDT7187L35DB Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results

Similar Description - IDT7188S45DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6198S IDT-IDT6198S Datasheet
79Kb / 8P
   CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com