Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT6116SA35P Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT6116SA35P
Description  CMOS STATIC RAM 16K (2K x 8 BIT)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6116SA35P Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT6116SA35P Datasheet HTML 1Page - Integrated Device Technology IDT6116SA35P Datasheet HTML 2Page - Integrated Device Technology IDT6116SA35P Datasheet HTML 3Page - Integrated Device Technology IDT6116SA35P Datasheet HTML 4Page - Integrated Device Technology IDT6116SA35P Datasheet HTML 5Page - Integrated Device Technology IDT6116SA35P Datasheet HTML 6Page - Integrated Device Technology IDT6116SA35P Datasheet HTML 7Page - Integrated Device Technology IDT6116SA35P Datasheet HTML 8Page - Integrated Device Technology IDT6116SA35P Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6.42
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and In dustrial Temperature Ranges
3
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC, only address inputs are cycling at fMAX, f = 0 means address inputs are not changing.
DC Electrical Characteristics(1)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
DC Electrical Characteristics
(VCC = 5.0V ± 10%)
Recommended Operating
Temperature and Supply Voltage
Recommended DC
Operating Conditions
NOTES:
1. VIL (min.) = –3.0V for pulse width less than 20ns, once per cycle.
2. VIN must not exceed VCC +0.5V.
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to +125OC0V
5.0V ± 10%
Industrial
-45OC to +85OC0V
5.0V ± 10%
Commercial
0OC to +70OC0V
5.0V ± 10%
3089 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5(2)
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
3.5
VCC +0.5
V
VIL
Input Low Voltage
-0.5
(1)
____
0.8
V
3089 tbl 06
Symbol
Parameter
Test Conditions
IDT6116SA
IDT6116LA
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current
VCC = Max.,
VIN = GND to VCC
MIL.
COM'L.
____
____
10
5
____
____
5
2
µA
|ILO|
Output Leakage Current
VCC = Max.,
CS = VIH,
VOUT = GND to VCC
MIL.
COM'L.
____
____
10
5
____
____
5
2
µA
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
____
0.4
____
0.4
V
VOH
Output High Voltage
IOH = -4mA, VCC = Min.
2.4
____
2.4
____
V
3089 tbl 07
Symbol
Parameter
Power
6116SA15
6116SA20
6116LA20
6116SA25
6116LA25
6116SA35
6116LA35
Unit
Com'l
Only
Com'l
& Ind
Mil
Com'l
& Ind
Mil
Com'l.
& Ind.
Mil
ICC1
Operating Power Supply Current
CS < VIL, Outputs Open
VCC = Max., f = 0
SA
105
105
130
80
90
80
90
mA
LA
95
95
120
75
85
75
85
ICC2
Dynamic Operating Current
CS < VIL, Outputs Open
VCC = Max., f = fMAX
(2)
SA
150
130
150
120
135
100
115
mA
LA
140
120
140
110
125
95
105
ISB
Standby Power Supply Current
(TTL Level)
CS > VIH, Outputs Open
VCC = Max., f = fMAX
(2)
SA
40
40
50
40
45
25
35
mA
LA
35
35
45
35
40
25
30
ISB1
Full Standby Power Supply Current
(CMOS Level)
CS > VHC, VCC = Max.,
VIN < VLC or VIN > VHC, f = 0
SA
2
2
10
2
10
2
10
mA
LA
0.1
0.1
0.9
0.1
0.9
0.1
0.9
3089 tbl 08


Similar Part No. - IDT6116SA35P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
   High-speed access and chip select times
More results

Similar Description - IDT6116SA35P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
   CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
   CMOS 16K (2K x 8) Static RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
   CMOS 16K-BIT STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com