Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7016S35G Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7016S35G
Description  HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7016S35G Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7016S35G Datasheet HTML 5Page - Integrated Device Technology IDT7016S35G Datasheet HTML 6Page - Integrated Device Technology IDT7016S35G Datasheet HTML 7Page - Integrated Device Technology IDT7016S35G Datasheet HTML 8Page - Integrated Device Technology IDT7016S35G Datasheet HTML 9Page - Integrated Device Technology IDT7016S35G Datasheet HTML 10Page - Integrated Device Technology IDT7016S35G Datasheet HTML 11Page - Integrated Device Technology IDT7016S35G Datasheet HTML 12Page - Integrated Device Technology IDT7016S35G Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IDT7016S/L
HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.13
9
IDT7016X20
IDT7016X25
IDT7016X35
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
20
25
35
ns
tEW
Chip Enable to End-of-Write
(3)
15
20
30
ns
tAW
Address Valid to End-of-Write
15
20
30
ns
tAS
Address Set-up Time
(3)
0—
0—
0—
ns
tWP
Write Pulse Width
15
20
25
ns
tWR
Write Recovery Time
2
2
2
ns
tDW
Data Valid to End-of-Write
15
15
15
ns
tHZ
Output High-Z Time
(1, 2)
—12—15
—20
ns
tDH
Data Hold Time
(4)
0—
0—
0—
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
—12—15
—20
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
3—
3—
3—
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(5)
IDT7016X12
IDT7016X15
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
12
15
ns
tEW
Chip Enable to End-of-Write
(3)
10
12
ns
tAW
Address Valid to End-of-Write
10
12
ns
tAS
Address Set-up Time
(3)
0—
0
ns
tWP
Write Pulse Width
10
12
ns
tWR
Write Recovery Time
2
2
ns
tDW
Data Valid to End-of-Write
10
10
ns
tHZ
Output High-Z Time
(1, 2)
—10
10
ns
tDH
Data Hold Time
(4)
0—
0
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
—10
10
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
3—
3
ns
tSWRD
SEM Flag Write to Read Time
5
5
ns
tSPS
SEM Flag Contention Window
5
5
ns
NOTES:
3190 tbl 12
1. Transition is measured
±200mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization but not production tested.
3. To access RAM,
CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary
over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. "X" in part numbers indicates power rating (S or L).


Similar Part No. - IDT7016S35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S35GG IDT-IDT7016S35GG Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35GGB IDT-IDT7016S35GGB Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35GGI IDT-IDT7016S35GGI Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7016S35G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7016S IDT-IDT7016S_14 Datasheet
351Kb / 21P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S IDT-IDT7016S_06 Datasheet
160Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7016S35PF8 IDT-IDT7016S35PF8 Datasheet
169Kb / 20P
   HIGH-SPEED 16K X 9 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S_18 Datasheet
196Kb / 21P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7006S IDT-IDT7006S Datasheet
263Kb / 20P
   HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09159A CYPRESS-CY7C09159A Datasheet
324Kb / 17P
   8K/16K x 9 Synchronous Dual-Port Static RAM
CY7C09159 CYPRESS-CY7C09159 Datasheet
452Kb / 15P
   8K/16K x 9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com