Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7026L35GB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7026L35GB
Description  HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7026L35GB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7026L35GB Datasheet HTML 1Page - Integrated Device Technology IDT7026L35GB Datasheet HTML 2Page - Integrated Device Technology IDT7026L35GB Datasheet HTML 3Page - Integrated Device Technology IDT7026L35GB Datasheet HTML 4Page - Integrated Device Technology IDT7026L35GB Datasheet HTML 5Page - Integrated Device Technology IDT7026L35GB Datasheet HTML 6Page - Integrated Device Technology IDT7026L35GB Datasheet HTML 7Page - Integrated Device Technology IDT7026L35GB Datasheet HTML 8Page - Integrated Device Technology IDT7026L35GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDT7026S/L
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.17
3
2939 tbl 01
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L – A13L
A0R – A13R
Address
I/O0L – I/O15L
I/O0R – I/O15R
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
BUSYL
BUSYR
Busy Flag
M/
S
Master or Slave Select
VCC
Power
GND
Ground
PIN NAMES
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. This text does not indicate orientation of the actual part-marking.
2939 drw 03
I/O7L
63
61
60
58
55
54
51
48
46
45
66
67
69
72
75
76
79
81
82
83
125
7
8
11
10
12
14
17
20
23
26
28
29
32
31
33
35
38
41
43
IDT7026
G84-3
84-PIN PGA
TOP VIEW(3)
A
B
CDE
F
G
HJ
K
L
42
59
56
49
50
40
25
27
30
36
34
37
39
84
346915
13
16
18
22
24
19
21
68
71
70
77
80
UBR
CER
GND
11
10
09
08
07
06
05
04
03
02
01
64
65
62
57
53
52
47
44
73
74
78
GND
GND
R/
WR
OER
LBR
GND
GND
SEMR
UBL
CEL
R/
WL
OEL
GND
SEML
VCC
LBL
A13R
BUSYR
BUSYL
M/
S
A13L
A11L
Index
I/O5L
I/O4L
I/O2L
I/O0L
I/O10L
I/O8L
I/O6L
I/O3L
I/O1L
I/O11L
I/O9L
I/O13L
I/O12L
I/O15L
I/O14L
I/O0R
A9L
A10L
A8L
A7L
A5L
A6L
A4L
A3L
A2L
A0L
A1L
A0R
A2R
A1R
A5R
A3R
A6R
A4R
A9R
A7R
A8R
A10R
A11R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
I/O7R
I/O6R
I/O9R
I/O8R
I/O11R
I/O10R
I/O12R
I/O13R
I/O14R
I/O15R
VCC
A12R
A12L
PIN CONFIGURATIONS (CONT'D) (1,2)
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5.0V
± 10%
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2939 tbl 02


Similar Part No. - IDT7026L35GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026 IDT-IDT7026 Datasheet
245Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70261 IDT-IDT70261 Datasheet
245Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70261L IDT-IDT70261L Datasheet
245Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70261L IDT-IDT70261L Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261L15PF IDT-IDT70261L15PF Datasheet
245Kb / 19P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
More results

Similar Description - IDT7026L35GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S Datasheet
144Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V26 RENESAS-70V26 Datasheet
517Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
JULY 2019
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com