![]() |
Electronic Components Datasheet Search |
|
IDT49C460AFFB Datasheet(PDF) 6 Page - Integrated Device Technology |
|
IDT49C460AFFB Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 32 page ![]() 11.6 6 IDT49C460/A/B/C/D/E 32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT MILITARY AND COMMERCIAL TEMPERATURE RANGES EDC ARCHITECTURE SUMMARY The IDT49C460s are high-performance cascadable EDCs used for check bit generation, error detection, error correction and diagnostics. The function blocks for this 32-bit device consist of the following: • Data Input Latch • Check Bit Input Latch • Check Bit Generation Logic • Syndrome Generation Logic • Error Detection Logic • Error Correction Logic • Data Output Latch • Diagnostic Latch • Control Logic DATA INPUT/OUTPUT LATCH The Latch Enable Input, LEIN, controls the loading of 32 bits of data to the Data In Latch. The data from the DATA lines can be loaded in the Diagnostic Latch under control of the Diagnostic Latch Enable, LEDIAG, giving check bit information in one byte and control information in another byte. The Diagnostic Latch is used in the Internal Control Mode or in one of the diagnostic modes. The Data Output Latch has buffers that place data on the DATA lines. These buffers are split into four 8-bit buffers, each having their own output enable con- trols. This feature facilitates byte read and byte modify operations. CHECK BIT GENERATION LOGIC This generates the appropriate check bits for the 32 bits of data in the Data Input Latch. The modified Hamming Code is the basis for generating the proper check bits. SYNDROME GENERATION LOGIC In both the Detect and Correct modes, this logic does a comparison on the check bits read from memory against the newly generated set of check bits produced for the data read in from memory. Matching sets of check bits mean no error was detected. If there is a mismatch, one or more of the data or check bits is in error. Syndrome bits are produced by an exclusive-OR of the two sets of check bits. Identical sets of check bits mean the syndrome bits will be all zeros. If an error results, the syndrome bits can be decoded to determine the number of errors and the specific bit-in-error. ERROR DETECTION LOGIC This part of the device decodes the syndrome bits generated by the Syndrome Generation Logic. With no errors in either the input data or check bits, both the ERROR and MULTERROR outputs are HIGH. ERROR will go low if one error is detected. MULTERROR and ERROR will both go low if two or more errors are detected. ERROR CORRECTION LOGIC In single error cases, this logic complements (corrects) the single data bit-in-error. This corrected data is loaded into the Data Output Latch, which can then be read onto the bidirec- tional data lines. If the error is resulting from one of the check bits, the correction logic does not place corrected check bits on the syndrome/check bit outputs. If the corrected check bits are needed, the EDC must be switched to the Generate Mode. DATA OUTPUT LATCH AND OUTPUT BUFFERS The Data Output Latch is used for storing the result of an error correction operation. The latch is loaded from the correction logic under control of the Data Output Latch En- able, LEOUT. The Data Output Latch may also be directly loaded from the Data Input Latch in the PASSTHRU mode. The Data Output Latch buffer is split into 4 individual buffers which can be enabled by OE0–3 separately for reading onto the bidirectional data lines. DIAGNOSTIC LATCH The diagnostic latch is loadable under control of the Diagnostic Latch Enable, LEDIAG, from the bidirectional data lines. Check bit information is contained in one byte while the other byte contains the control information. The Diagnostic Latch is used for driving the device when in the Internal Control Mode, or for supplying check bits when in one of the diagnostic modes. CONTROL LOGIC Specifies in which mode the device will be operating in. Normal operation is when the control logic is driven by external control inputs. In the Internal Control Mode, the control signals are read from the Diagnostic Latch. Since LEOUT and GENERATE are controlled by the same pin, the latching action (LEOUT from high to low) of the Data Output Latch causes the EDC to go into the Generate Mode. |
Similar Part No. - IDT49C460AFFB |
|
Similar Description - IDT49C460AFFB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |