Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT49C460AFFB Datasheet(PDF) 32 Page - Integrated Device Technology

Part No. IDT49C460AFFB
Description  32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C460AFFB Datasheet(HTML) 32 Page - Integrated Device Technology

Back Button IDT49C460AFFB Datasheet HTML 24Page - Integrated Device Technology IDT49C460AFFB Datasheet HTML 25Page - Integrated Device Technology IDT49C460AFFB Datasheet HTML 26Page - Integrated Device Technology IDT49C460AFFB Datasheet HTML 27Page - Integrated Device Technology IDT49C460AFFB Datasheet HTML 28Page - Integrated Device Technology IDT49C460AFFB Datasheet HTML 29Page - Integrated Device Technology IDT49C460AFFB Datasheet HTML 30Page - Integrated Device Technology IDT49C460AFFB Datasheet HTML 31Page - Integrated Device Technology IDT49C460AFFB Datasheet HTML 32Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
11.6
32
IDT49C460/A/B/C/D/E
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST LOAD CIRCUIT
2584 drw 14
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance
RL = Termination resistance: should be equal to ZOUT of the Pulse Generator
Figure 7.
VOUT
50pF
CL
500
+ 7.0V
500
D.U.T.
VCC
VIN
RT
Pulse
Generator
ORDERING INFORMATION
IDT
49C460
Device Type
X
Speed
X
Package
X
Process/
Temperature
Range
BLANK
B
G
J
FF
Blank
A
B
C
D
E
Commercial (0
°C to + 70°C)
Military (– 55
°C to + 125°C)
Compliant to MIL-STD-883, Class B
Pin Grid Array
Plastic Leaded Chip Carrier
Fine Pitch Flatpack
Standard Speed
High-Speed
Very High-Speed
Super-High-Speed
Ultra-High Speed
Fastest Speed
49C460
32-Bit E. D. C.
2584 drw 15
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
1V/ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 7
2584 tbl 69
Test
Switch
Disable Low
Closed
Enable Low
All other Tests
Open
2584 tbl 68


Similar Part No. - IDT49C460AFFB

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465A IDT-IDT49C465A Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AG IDT-IDT49C465AG Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AGB IDT-IDT49C465AGB Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465APQF IDT-IDT49C465APQF Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C460AFFB

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
National Semiconductor (TI)
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
Integrated Device Technology
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Dynex Semiconductor
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
ATMEL Corporation
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
Texas Instruments
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
ON Semiconductor
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
Micrel Semiconductor
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz