Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2122-OYN6GTR Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM2122-OYN6GTR
Description  Dual, Low Dropout, 250mA LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2122-OYN6GTR Datasheet(HTML) 2 Page - SG Micro Corp

  SGM2122-OYN6GTR Datasheet HTML 1Page - SG Micro Corp SGM2122-OYN6GTR Datasheet HTML 2Page - SG Micro Corp SGM2122-OYN6GTR Datasheet HTML 3Page - SG Micro Corp SGM2122-OYN6GTR Datasheet HTML 4Page - SG Micro Corp SGM2122-OYN6GTR Datasheet HTML 5Page - SG Micro Corp SGM2122-OYN6GTR Datasheet HTML 6Page - SG Micro Corp SGM2122-OYN6GTR Datasheet HTML 7Page - SG Micro Corp SGM2122-OYN6GTR Datasheet HTML 8Page - SG Micro Corp SGM2122-OYN6GTR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulators
2
SGM2122
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
ORDERING
NUMBER
VOUT1
VOUT2
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
PACKAGE
OPTION
SGM2122-AYN6G/TR
2.8V
2.8V
SOT-23-6
-40
℃ to +85℃
S0CXX
Tape and Reel, 3000
SGM2122-CYN6G/TR
2.8V
3.0V
SOT-23-6
-40
℃ to +85℃
S0DXX
Tape and Reel, 3000
SGM2122-DYN6G/TR
2.8V
2.5V
SOT-23-6
-40
℃ to +85℃
S0EXX
Tape and Reel, 3000
SGM2122-EYN6G/TR
2.8V
1.8V
SOT-23-6
-40
℃ to +85℃
S0FXX
Tape and Reel, 3000
SGM2122-GYN6G/TR
2.5V
1.8V
SOT-23-6
-40
℃ to +85℃
S10XX
Tape and Reel, 3000
SGM2122-HYN6G/TR
3.3V
2.5V
SOT-23-6
-40
℃ to +85℃
S11XX
Tape and Reel, 3000
SGM2122-IYN6G/TR
3.3V
1.8V
SOT-23-6
-40
℃ to +85℃
S12XX
Tape and Reel, 3000
SGM2122-KYN6G/TR
3.0V
1.8V
SOT-23-6
-40
℃ to +85℃
S13XX
Tape and Reel, 3000
SGM2122-MYN6G/TR
2.8V
1.2V
SOT-23-6
-40
℃ to +85℃
S14XX
Tape and Reel, 3000
SGM2122-NYN6G/TR
2.8V
1.3V
SOT-23-6
-40
℃ to +85℃
S15XX
Tape and Reel, 3000
SGM2122-OYN6G/TR
2.8V
1.5V
SOT-23-6
-40
℃ to +85℃
S16XX
Tape and Reel, 3000
SGM2122-PYN6G/TR
1.5V
2.8V
SOT-23-6
-40
℃ to +85℃
S17XX
Tape and Reel, 3000
SGM2122-QYN6G/TR
2.5V
1.5V
SOT-23-6
-40
℃ to +85℃
S18XX
Tape and Reel, 3000
SGM2122-RYN6G/TR
2.5V
2.8V
SOT-23-6
-40
℃ to +85℃
S19XX
Tape and Reel, 3000
SGM2122-SYN6G/TR
1.3V
2.8V
SOT-23-6
-40
℃ to +85℃
S1AXX
Tape and Reel, 3000
SGM2122-TYN6G/TR
1.5V
3.3V
SOT-23-6
-40
℃ to +85℃
S1BXX
Tape and Reel, 3000
SGM2122-UYN6G/TR
3.3V
3.0V
SOT-23-6
-40
℃ to +85℃
S1CXX
Tape and Reel, 3000
SGM2122-VYN6G/TR
1.8V
3.3V
SOT-23-6
-40
℃ to +85℃
S1DXX
Tape and Reel, 3000
SGM2122-WYN6G/TR
1.2V
2.8V
SOT-23-6
-40
℃ to +85℃
S1EXX
Tape and Reel, 3000
SGM2122-XYN6G/TR
3.3V
2.8V
SOT-23-6
-40
℃ to +85℃
S28XX
Tape and Reel, 3000
SGM2122-YYN6G/TR
1.8V
2.8V
SOT-23-6
-40
℃ to +85℃
S29XX
Tape and Reel, 3000
SGM2122-ABYN6G/TR
1.8V
1.2V
SOT-23-6
-40
℃ to +85℃
S42XX
Tape and Reel, 3000
NOTE: Order number and package marking are defined as the follow:
ORDER NUMBER
SGM2122- X X X G / TR
Operating Temperature Range
Output Voltages
Package Type
Green Product
Tape and Reel
N6
SOT-23-6
Y
-40
℃ to +85℃
A : 2.8V (output1), 2.8V (output2)
C : 2.8V (output1), 3.0V (output2)
D : 2.8V (output1), 2.5V (output2)
..
.
..
.
MARKING INFORMATION
For example: S0C9A (2009 year, the 1st month)
SYY X X
Year assembled ("9" = 2009, "A" = 2010 …)
Month assembled ("A" = Jan. "B" = Feb. … "L" = Dec.)
Identify the product


Similar Part No. - SGM2122-OYN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
More results

Similar Description - SGM2122-OYN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2027 SGMICRO-SGM2027 Datasheet
289Kb / 11P
   Dual Low Dropout, 250mA LDO Regulator
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com