Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2122-IYN6GTR Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM2122-IYN6GTR
Description  Dual, Low Dropout, 250mA LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2122-IYN6GTR Datasheet(HTML) 3 Page - SG Micro Corp

  SGM2122-IYN6GTR Datasheet HTML 1Page - SG Micro Corp SGM2122-IYN6GTR Datasheet HTML 2Page - SG Micro Corp SGM2122-IYN6GTR Datasheet HTML 3Page - SG Micro Corp SGM2122-IYN6GTR Datasheet HTML 4Page - SG Micro Corp SGM2122-IYN6GTR Datasheet HTML 5Page - SG Micro Corp SGM2122-IYN6GTR Datasheet HTML 6Page - SG Micro Corp SGM2122-IYN6GTR Datasheet HTML 7Page - SG Micro Corp SGM2122-IYN6GTR Datasheet HTML 8Page - SG Micro Corp SGM2122-IYN6GTR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulators
3
SGM2122
SG Micro Corp
www.sg-micro.com
ABSOLUTE MAXIMUM RATINGS
IN to GND..................................................................-0.3V to 6V
Output Short-Circuit Duration ..........................................Infinite
EN to GND...............................................................-0.3V to VIN
OUT to GND...............................................-0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25
SOT-23-6 .........................................................................0.4W
Package Thermal Resistance
SOT-23-6, θJA............................................................. 310
℃/W
Operating Temperature Range........................-40
℃ to +85℃
Junction Temperature.....................................................150
Storage Temperature Range..........................-65
℃ to +150℃
Lead Temperature (soldering, 10s)................................260
ESD Susceptibility
HBM................................................................................4000V
MM....................................................................................400V
NOTE:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause
damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
SGMICRO reserves the right to make any change in circuit design, specification or other related things if necessary without notice at
any time. Please contact SGMICRO sales office to get the latest datasheet.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
OUT2
Channel2 Output Voltage.
2
GND
Common Ground.
3
EN2
On/Off Control 2. A logic low reduces the supply current to 10nA.
4
EN1
On/Off Control 1. A logic low reduces the supply current to 10nA.
5
IN
Supply Input.
6
OUT1
Channel1 Output Voltage.
NOTE: If EN1 and EN2 are both low, both regulators and the reference turn off.


Similar Part No. - SGM2122-IYN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
More results

Similar Description - SGM2122-IYN6GTR

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2027 SGMICRO-SGM2027 Datasheet
289Kb / 11P
   Dual Low Dropout, 250mA LDO Regulator
logo
List of Unclassifed Man...
B4251 ETC-B4251 Datasheet
172Kb / 5P
   250mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Texas Instruments
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
TPS7201Q TI1-TPS7201Q_16 Datasheet
1Mb / 42P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com