Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3005 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM3005
Description  Ultra Low ON-Resistance,
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3005 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM3005_15 Datasheet HTML 1Page - SG Micro Corp SGM3005_15 Datasheet HTML 2Page - SG Micro Corp SGM3005_15 Datasheet HTML 3Page - SG Micro Corp SGM3005_15 Datasheet HTML 4Page - SG Micro Corp SGM3005_15 Datasheet HTML 5Page - SG Micro Corp SGM3005_15 Datasheet HTML 6Page - SG Micro Corp SGM3005_15 Datasheet HTML 7Page - SG Micro Corp SGM3005_15 Datasheet HTML 8Page - SG Micro Corp SGM3005_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Ultra Low ON-Resistance,
Low Voltage, Dual, SPDT Analog Switch
5
SGM3005
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
On Response vs. Frequency
-9
-6
-3
0
3
0.1
1
10
100
Frequency (MHz)
V+ = +5V
TA = +25℃
Off Isolation vs. Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
0.01
0.1
1
10
Frequency (MHz)
V+ = +5V
TA = +25℃
Crosstalk vs. Frequency
-150
-120
-90
-60
-30
0
0.01
0.1
1
10
100
Frequency (MHz)
V+ = +5V
TA = +25℃


Similar Part No. - SGM3005_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3005XD SGMICRO-SGM3005XD Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
SGM3005XMS SGMICRO-SGM3005XMS Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
SGM3005XMS/TR SGMICRO-SGM3005XMS/TR Datasheet
547Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Dual, SPDT Analog Switch
More results

Similar Description - SGM3005_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com