Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2027-ADYTN6G Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM2027-ADYTN6G
Description  Dual Low Dropout, 250mA LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2027-ADYTN6G Datasheet(HTML) 5 Page - SG Micro Corp

  SGM2027-ADYTN6G Datasheet HTML 1Page - SG Micro Corp SGM2027-ADYTN6G Datasheet HTML 2Page - SG Micro Corp SGM2027-ADYTN6G Datasheet HTML 3Page - SG Micro Corp SGM2027-ADYTN6G Datasheet HTML 4Page - SG Micro Corp SGM2027-ADYTN6G Datasheet HTML 5Page - SG Micro Corp SGM2027-ADYTN6G Datasheet HTML 6Page - SG Micro Corp SGM2027-ADYTN6G Datasheet HTML 7Page - SG Micro Corp SGM2027-ADYTN6G Datasheet HTML 8Page - SG Micro Corp SGM2027-ADYTN6G Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Dual, Low Dropout,
250mA LDO Regulator
5
SGM2027
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), TA = -40
℃ to +85℃, typical values are at TA = + 25℃, for each LDO unless
otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
Output Voltage Accuracy
IOUT = 0.1mA, TA = +25
-2
+2
%
Maximum Output Current
(3)
250
mA
Current Limit
ILIM
310
500
mA
Ground Pin Current
IQ
EN = 2V, both LDOs No Load
190
295
μA
IOUT = 1mA
1
Dropout Voltage
(1)
IOUT = 250mA
250
350
mV
Line Regulation
OUT
IN
OUT
V
V
V
VIN = 2.5V or (VOUT + 0.5V) to 5.5V,
IOUT = 1mA
0.02
0.15
%/V
Load Regulation
OUT
LOAD
OUT
V
I
V
IOUT = 0.1mA to 250mA, COUT = 1µF
0.00
4
0.01
%/mA
Power Supply Rejection Rate
PSRR
ILOAD = 50mA, COUT = 1µF, f = 100Hz
71
dB
SHUTDOWN
VIH
1.5
EN Input Threshold
VIL
VIN = 2.5V to 5.5V
0.4
V
TA = +25
0.01
1
EN Input Bias Current
IB(SHDN)
EN = 0V or EN = 5.5V
TA = +85
0.01
μA
TA = +25
0.01
1
Shutdown Supply Current
IQ(SHDN)
EN1 = EN2 = 0.4V
TA = +85
0.01
μA
Shutdown Exit Delay
(2)
COUT = 1µF, No Load
TA = +25
20
μs
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
160
Thermal Shutdown Hysteresis
ΔTSHDN
15
NOTES:
1. The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V.
(Only applicable for VOUT = 2.5V to 3.3V)
2. Time needed for VOUT to reach 95% of final value.
3. Each channel provides 300mA of maximum output current when the condition of dissipating heat is good.


Similar Part No. - SGM2027-ADYTN6G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2021 SGMICRO-SGM2021 Datasheet
348Kb / 12P
   Low Power Low Dropout Linear Regulators
logo
List of Unclassifed Man...
SGM2022 ETC2-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
logo
List of Unclassifed Man...
SGM2022-AYN6/TR ETC2-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA
logo
SG Micro Corp
SGM2022-AYN6/TR SGMICRO-SGM2022-AYN6/TR Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
More results

Similar Description - SGM2027-ADYTN6G

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulator
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulators
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com