Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM3001 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM3001
Description  Low ON-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM3001 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM3001_15 Datasheet HTML 1Page - SG Micro Corp SGM3001_15 Datasheet HTML 2Page - SG Micro Corp SGM3001_15 Datasheet HTML 3Page - SG Micro Corp SGM3001_15 Datasheet HTML 4Page - SG Micro Corp SGM3001_15 Datasheet HTML 5Page - SG Micro Corp SGM3001_15 Datasheet HTML 6Page - SG Micro Corp SGM3001_15 Datasheet HTML 7Page - SG Micro Corp SGM3001_15 Datasheet HTML 8Page - SG Micro Corp SGM3001_15 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low ON-Resistance, Low
Voltage, SPDT Analog Switch
2
SGM3001/2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SGM3001
SC70-6
-40
℃ to +125℃
SGM3001XC6/TR
3001
Tape and Reel, 3000
SGM3002
MSOP-10
-40
℃ to +125℃
SGM3002XMS/TR
SGM3002XMS
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
V+ to GND..................................................................-0.3V to 6V
Analog, Digital voltage range
(1)................... -0.3V to (V+) + 0.3V
Continuous Current NO, NC, or COM............................±150mA
Peak Current NO, NC, or COM .....................................±250mA
Package Thermal Resistance @ TA = 25
SC70-6, θJA....................................................................333
℃/W
MSOP-10, θJA................................................................205
℃/W
Operating Temperature Range..........................-40
℃ to +125℃
Junction Temperature .......................................................150
Storage Temperature Range..............................-65
℃ to +150℃
Lead Temperature (soldering, 10s)................................... 260
ESD Susceptibility
HBM..................................................................................2000V
MM......................................................................................400V
NOTES:
1. Signals on NC, NO, or COM or IN exceeding V+ will be
clamped by internal diodes. Limit forward diode current to
maximum current ratings.
2. Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.
PIN DESCRIPTION
NAME
SC70-6 PIN
MSOP-10 PIN
FUNCTION
V+
2
8
Power Supply.
GND
3
3
Ground.
IN(IN1, IN2)
1
1, 5
Digital Control Pin to Connect the COM Terminal to
the NO or NC Terminals.
COM(COM1, COM2)
5
6, 10
Common Terminal.
NO(NO1, NO2)
6
2, 4
Normally-Open Terminal.
NC(NC1, NC2)
4
7, 9
Normally-Closed Terminal.
NOTE: NO, NC and COM terminals may be an input or output.


Similar Part No. - SGM3001_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3001XC6/TR SGMICRO-SGM3001XC6/TR Datasheet
551Kb / 11P
   Low ON-Resistance, Low Voltage, SPDT Analog Switch
More results

Similar Description - SGM3001_15

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com