Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM2032-4.2 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM2032-4.2
Description  RF Linear Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM2032-4.2 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM2032-4.2 Datasheet HTML 1Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 2Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 3Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 4Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 5Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 6Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 7Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 8Page - SG Micro Corp SGM2032-4.2 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SGM2032
Low Power, Low Dropout,
RF Linear Regulators
GENERAL DESCRIPTION
The SGM2032 series low-power, low-noise, low-dropout,
CMOS linear voltage regulators operate from a 2.5V to
5.5V input voltage. They are the perfect choice for low
voltage, low power applications. A low ground current
makes this part attractive for battery operated power
systems. The SGM2032 series also offer low dropout
voltage to prolong battery life in portable electronics.
Systems requiring a quiet voltage source, such as RF
applications, will benefit from the SGM2032 series’ ultra
low output noise and high PSRR. An external noise
bypass capacitor connected to the device’s BP pin can
further reduce the noise level.
The output voltage is preset to voltages in the range of
0.9V
to
5.0V.
Other
features
include
a
10nA
logic-controlled shutdown mode, output current limit and
thermal shutdown protection.
The SGM2032 is available in Green SOT-23-5 and
SC70-5 packages. It operates over an ambient
temperature range of -40
℃ to +85℃.
FEATURES
Low Output Noise
Low Dropout Voltage
Thermal-Overload Protection
Output Current Limit
High PSRR (75dB at 1kHz)
10nA Logic-Controlled Shutdown
Adjustable Output from 0.8V to 5.0V
Available Fixed Output Voltages: 0.9V, 1.3V, 2.1V,
2.7V, 2.9V, 3.1V, 3.2V, 3.6V, 4.2V and 5.0V
-40
℃ to +85℃ Operating Temperature Range
Available in Green SC70-5 and SOT-23-5 Packages
APPLICATIONS
Cellular Telephones
Cordless Telephones
PCMCIA Cards
Modems
MP3 Player
Hand-Held Instruments
Palmtop Computers
Electronic Planners
Portable/Battery-Powered Equipment
REV. A
SG Micro Corp
www.sg-micro.com


Similar Part No. - SGM2032-4.2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.2 SGMICRO-SGM2031-1.2 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.5 SGMICRO-SGM2031-1.5 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2031-1.8 SGMICRO-SGM2031-1.8 Datasheet
291Kb / 12P
   RF- Linear Regulators
More results

Similar Description - SGM2032-4.2

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
SGM2031 SGMICRO-SGM2031 Datasheet
291Kb / 12P
   RF- Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
   Dual, Low Dropout, 150mA RF - Linear Regulators
SGM2019 SGMICRO-SGM2019 Datasheet
381Kb / 16P
   Low Power Low Dropout RF-Linear Regulators
SGM2008 SGMICRO-SGM2008 Datasheet
549Kb / 10P
   Low Power, Low Dropout, 300mA, RF - Linear Regulators
SGM2014 SGMICRO-SGM2014 Datasheet
569Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2015 SGMICRO-SGM2015 Datasheet
561Kb / 11P
   Low Power, Low Dropout, 250mA, RF - Linear Regulators
SGM2005 SGMICRO-SGM2005 Datasheet
525Kb / 10P
   Low Power, Low Dropout, 150mA, RF - Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com